Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4HEBC Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPC4HEBC
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4HEBC Datasheet(HTML) 5 Page - STMicroelectronics

  STPC4HEBC Datasheet HTML 1Page - STMicroelectronics STPC4HEBC Datasheet HTML 2Page - STMicroelectronics STPC4HEBC Datasheet HTML 3Page - STMicroelectronics STPC4HEBC Datasheet HTML 4Page - STMicroelectronics STPC4HEBC Datasheet HTML 5Page - STMicroelectronics STPC4HEBC Datasheet HTML 6Page - STMicroelectronics STPC4HEBC Datasheet HTML 7Page - STMicroelectronics STPC4HEBC Datasheet HTML 8Page - STMicroelectronics STPC4HEBC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 93 page
background image
GENERAL DESCRIPTION
Release 1.5 - January 29, 2002
5/93
1. GENERAL DESCRIPTION
At the heart of the STPC Consumer-II is an
advanced 64-bit x86 processor block. It includes a
64-bit
SDRAM
controller,
advanced
64-bit
accelerated graphics and video controller, a high
speed PCI local-bus controller and Industry
standard
PC
chip
set
functions
(Interrupt
controller, DMA Controller, Interval timer and ISA
bus).
The STPC Consumer-II has in addition, an EIDE
Controller, I2C Interface, a Local Bus interface and
a JTAG interface.
1.1. ARCHITECTURE
The STPC Consumer-II makes use of a tightly
coupled Unified Memory Architecture (UMA),
where the same memory array is used for CPU
main memory and graphics frame-buffer. This
means a reduction in total system memory for
system performances that are equal to that of a
comparable frame buffer and system memory
based system, and generally much better, due to
the
higher
memory
bandwidth
allowed
by
attaching the graphics engine directly to the 64-bit
processor host interface running at the speed of
the processor bus rather than the traditional PCI
bus. The 64-bit wide memory array provides the
system with 528MB/s peak bandwidth. This allows
for higher resolution screens and greater color
depth.
The
‘standard’ PC
chipset
functions (DMA,
interrupt controller, timers, power management
logic) are integrated together with the x86
processor core; additional functions such as
communications ports are accessed by the STPC
Consumer-II via internal ISA bus.
The PCI bus is the main data communication link
to the STPC Consumer-II chip. The STPC
Consumer-II translates appropriate host bus I/O
and Memory cycles onto the PCI bus. It also
supports generation of Configuration cycles on the
PCI bus. The STPC Consumer-II, as a PCI bus
agent (host bridge class), fully complies with PCI
specification 2.1. The chip-set also implements
the PCI mandatory header registers in Type 0 PCI
configuration space for easy porting of PCI aware
system
BIOS.
The
device
contains
a
PCI
arbitration function for three external PCI devices.
The STPC Consumer-II has two functional blocks
sharing the same balls : The ISA / IPC / IDE block
and the Local Bus / IDE block (see Table 3). Any
board with the STPC Consumer-II should be built
using only one of these two configurations. The
IDE pins are dynamically multiplexed in each of
the blocks in ISA mode only.
Configuration is done by ‘strap options’. It is a set
of pull-up or pull-down resistors on the memory
data bus, checked on reset, which auto-configure
the STPC Consumer-II.
1.2. GRAPHICS FEATURES
Graphics functions are controlled through the on-
chip SVGA controller and the monitor display is
produced through the 2D graphics display engine.
This Graphics Engine is tuned to work with the
host CPU to provide a balanced graphics system
with a low silicon area cost. It performs limited
graphics
drawing
operations
which
include
hardware acceleration of text, bitblts, transparent
blts and fills. The results of these operations
change the contents of the on-screen or off-
screen frame buffer areas of SDRAM memory.
The frame buffer can occupy a space up to 4
Mbytes anywhere in the physical main memory.
The graphics resolution supported is a maximum
of 1280x1024 in 16M colors and 16M colors at
75Hz refresh rate, VGA and SVGA compatible.
Horizontal timing fields are VGA compatible while
the vertical fields are extended by one bit to
accommodate above display resolution.
1.3. VIDEO FUNCTIONS
The
STPC
Consumer-II
provides
several
additional functions to handle MPEG or similar
video streams. The Video Input Port accepts an
encoded digital video stream in one of a number of
industry standard formats, decodes it, optionally
decimates it, and deposits it into an off screen
area of the frame buffer. An interrupt request can
be generated when an entire field or frame has
been
captured.
The
video
output
pipeline
incorporates a video-scaler and color space
converter function and provisions in the CRT
controller to display a video window. While
repainting the screen the CRT controller fetches
both the video as well as the normal non-video
frame buffer in two separate internal FIFOs. The
video stream can be color-space converted
(optionally)
and
smooth
scaled.
Smooth
interpolative scaling in both horizontal and vertical
direction are implemented. Color and Chroma key
functions are also implemented to allow mixing
video stream with non-video frame buffer.
The video output passes directly to the RAMDAC
for monitor output or through another optional
color space converter (RGB to 4:2:2 YCrCb) to the
programmable anti-flicker filter. The flicker filter is
configured as either a two line filter with gamma
correction (primarily designed for DOS type text)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com