Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC0310BTI3 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STPC0310BTI3
Description  PC Compatible Embeded Microprocessor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC0310BTI3 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STPC0310BTI3 Datasheet HTML 9Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 10Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 11Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 12Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 13Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 14Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 15Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 16Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
PIN DESCRIPTION
13/51
Issue 1.2
SDA / DDC[0]
I/O
I C Interface - Data / Can be used for VGA DDC[0] signal
1
COL_CMP
O
Color Compare Output.
VIDEO INPUT
VCLK
I
Pixel Clock
1
VIN
I
YUV Video Data Input CCIR 601 or 656
8
DIGITAL TV OUTPUT
RED_TV, GREEN_TV, BLUE_TV
O
Analog video outputs synchronized with CVBS
3
VCS
O
Composite Synch or Horizontal line SYNC output
1
ODD_EVEN
O
Frame Synchronisation
1
CVBS
O
Analog video composite output (luminance / chrominance)
1
IREF1_TV
I
Reference current of 9bit DAC for CVBS
1
VREF1_TV
I
Reference voltage of 9bit DAC for CVBS
1
IREF2_TV
I
Reference current of 8bit DAC for R,G,B
1
VREF2_TV
I
Reference voltage of 8bit DAC for R,G,B
1
VSSA_TV
I
Analog Vss for DAC
1
VDDA_TV
I
Analog Vdd for DAC
1
MISCELLANEOUS
SPKRD
O
Speaker Device Output
1
SCAN_ENABLE
I
Reserved (Test pin)
1
Table 2-2. Definition of Signal Pins
Signal Name
Dir
Description
Qty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com