Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC0310BTI3 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STPC0310BTI3
Description  PC Compatible Embeded Microprocessor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC0310BTI3 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STPC0310BTI3 Datasheet HTML 24Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 25Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 26Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 27Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 28Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 29Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 30Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 31Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
STRAP OPTION
28/51
Issue 1.2
Note;
1) This Strap Option selects between two different
functional blocks, the first is the ISA (SMEMW#)
and the other is the VGA block (Color_Key).
2) Setting of Strap Options MD [2:15] have no ef-
fect on the DRAM Controller but are purely meant
for software issues. i.e. Readable in a register.
3.1 STRAP REGISTER DESCRIPTION
3.1.1
STRAP
REGISTER
0
INDEX
4AH
(STRAP0)
Bits 7-0 of this register reflect the status of pins
MD[7:0] respectively. They are expected to be
connected on the system board to the SIMM con-
figuration pins as follows:
Note that the SIMM speed and type information
read here is meant only for the software and is not
used by the hardware. The software must pro-
gram the Host and graphics dram controller con-
figuration registers appropriately based on these
bits.
This register defaults to the values sampled on
MD[7:0] pins after reset.
3.1.2
STRAP
REGISTER
1
INDEX
4BH
(STRAP1)
Bits 7-0 of this register reflect the status of pins
MD[15:8] respectively. They are expected to be
connected on the system board to the SIMM con-
figuration pins as follows:
Note that the SIMM speed and type information
read here is meant only for thesoftware and is not
used by the hardware. The software must pro-
gram the Host and graphics dram controller con-
figuration registers appropriately based on these
bits.
This register defaults to the values sampled on
MD[15:8] pins after reset.
3.1.3
STRAP
REGISTER
2
INDEX
4CH
(STRAP2)
Bits 4-0 of this register reflect the status of pins
MD[20:16] respectively. Bit 5 of this register reflect
the status of pin MD[23]. Bit 4 is writeable, writes
to other bits in this register have no effect.
They are use by the chip as follows:
Bit 4-2; Reserved
MD38
-
Reserved
-
Pull up
-
-
MD39
-
Reserved
-
Pull up
-
-
MD40
CPU
CPU Mode
User defined
DX1
DX2
MD41
-
Reserved
-
Pull down
-
-
MD42
-
Reserved
-
Pull up
-
-
MD43
-
Reserved
-
Pull down
-
-
Memory
Data
Lines
Note
Refer to
Designation
Location
Actual
Settings
Set to ’0’
Set to ’1’
Bit Sampled
Description
Bit 7
SIMM 0 dram type
Bits 6-5
SIMM 0 speed
Bit 4
SIMM 1 dram type
Bits 3-2
SIMM 1 speed
Bits 1-0
Reserved
Bit Sampled
Description
Bit 7
SIMM 2 dram type
Bits 6-5
SIMM 2 speed
Bit 4
SIMM 3 dram type
Bits 3-2
SIMM 3 speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com