Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR520 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPR520
Description  ULTRA-FAST RECOVERY RECTIFIER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR520 Datasheet(HTML) 1 Page - STMicroelectronics

  STPR520 Datasheet HTML 1Page - STMicroelectronics STPR520 Datasheet HTML 2Page - STMicroelectronics STPR520 Datasheet HTML 3Page - STMicroelectronics STPR520 Datasheet HTML 4Page - STMicroelectronics STPR520 Datasheet HTML 5Page - STMicroelectronics STPR520 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STPR520D/F
®
October 1999 - Ed: 2B
ULTRA-FAST RECOVERY RECTIFIER DIODES
IF(AV)
5A
VRRM
200 V
Tj (max)
150
°C
VF (max)
0.99 V
trr (max)
30 ns
MAIN PRODUCTS CHARACTERISTICS
Low cost single chip rectifier suited for switchmode
power supply and high frequency DC to DC
converters.
Packaged in TO-220AC and ISOWATT220AC, this
device is intended for use in low voltage, high
frequency inverters, free wheeling and polarity
protectionapplications.
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(RMS)
RMS forward current
10
A
IF(AV)
Average forward current
δ = 0.5
TO-220AC
Tc = 125
°C
5A
ISOWATT220AC
Tc = 115
°C
IFSM
Surge non repetitive forward current
Tp = 10 ms
Sinusoidal
50
A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature
+ 150
SUITED FOR SMPS
LOW LOSSES
LOW FORWARD AND REVERSE RECOVERY
TIME
HIGH SURGE CURRENT CAPABILITY
HIGH AVALANCHE ENERGY CAPABILITY
FEATURES
K
A
ISOWATT220AC
STPR520F
K
A
TO-220AC
STPR520D
1/6


Similar Part No. - STPR520

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPR520 STMICROELECTRONICS-STPR520 Datasheet
796Kb / 6P
ULTRA-FAST RECOVERY RECTIFIER DIODES
Jan-2002
STPR520D STMICROELECTRONICS-STPR520D Datasheet
796Kb / 6P
ULTRA-FAST RECOVERY RECTIFIER DIODES
Jan-2002
STPR520F STMICROELECTRONICS-STPR520F Datasheet
796Kb / 6P
ULTRA-FAST RECOVERY RECTIFIER DIODES
Jan-2002
STPR520FP STMICROELECTRONICS-STPR520FP Datasheet
796Kb / 6P
ULTRA-FAST RECOVERY RECTIFIER DIODES
Jan-2002
More results

Similar Description - STPR520

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RU1 TAYCHIPST-RU1 Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR2010CT YANGJIE-MUR2010CT Datasheet
109Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
MUR2060F YANGJIE-MUR2060F Datasheet
142Kb / 4P
Ultra-Fast Recovery Rectifier Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com