Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR520 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPR520
Description  ULTRA-FAST RECOVERY RECTIFIER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR520 Datasheet(HTML) 2 Page - STMicroelectronics

  STPR520 Datasheet HTML 1Page - STMicroelectronics STPR520 Datasheet HTML 2Page - STMicroelectronics STPR520 Datasheet HTML 3Page - STMicroelectronics STPR520 Datasheet HTML 4Page - STMicroelectronics STPR520 Datasheet HTML 5Page - STMicroelectronics STPR520 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25
°CVR =VRRM
50
µA
Tj = 100
°C
0.5
mA
VF **
Forward voltage drop
Tj = 125
°CIF =5 A
0.99
V
Tj = 125
°CIF =10 A
1.20
Tj = 25
°CIF =10 A
1.25
Pulse test : * tp = 5 ms,
δ <2 %
** tp = 380
µs, δ <2 %
To evaluate the conduction losses use the following equation :
P = 0.78 x IF(AV) + 0.042 x IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Test conditions
Min.
Typ.
Max.
Unit
trr
Tj =25
°CIF = 0.5A
Irr = 0.25A
IR =1A
30
ns
tfr
Tj =25
°CIF = 1A tr = 10 ns VFR = 1.1 x VF
20
VFP
Tj =25
°CIF = 1A tr = 10 ns
3V
RECOVERY CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220AC
4
°C/W
ISOWATT220AC
6
THERMAL RESISTANCES
Fig. 2: Peak current versus form factor.
Fig. 1: Average forward power dissipation versus
average forward current.
STPR520D/F
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com