Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1045B Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS1045B
Description  POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1045B Datasheet(HTML) 1 Page - STMicroelectronics

  STPS1045B Datasheet HTML 1Page - STMicroelectronics STPS1045B Datasheet HTML 2Page - STMicroelectronics STPS1045B Datasheet HTML 3Page - STMicroelectronics STPS1045B Datasheet HTML 4Page - STMicroelectronics STPS1045B Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
STPS1045B/H
®
May 2000 - Ed: 2B
POWER SCHOTTKY RECTIFIER
IF(AV)
10 A
VRRM
45 V
VF (max)
0.57 V
MAIN PRODUCT CHARACTERISTICS
n
NEGLIGIBLE SWITCHING LOSSES
n
LOW FORWARD DROP VOLTAGE
n
LOW CAPACITANCE
n
HIGH REVERSE AVALANCHE SURGE
CAPABILITY
FEATURES AND BENEFITS
High voltage Schottky rectifier suited for Switch
Mode
Power
Supplies
and
other
Power
Converters.
Packaged in DPAK and IPAK, these devices are
intended for use
in high frequency circuitries
where low switching losses are required.
DESCRIPTION
DPAK
STPS1045B
A
A
K
K
A
A
K
K
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(RMS) / pin
RMS forward current / pin
7
A
IF(AV)
Average forward current
Tc = 150°C
d = 0.5
10
A
IFSM
Surge non repetitive forward current
tp = 10 ms
Sinusoidal
75
A
IRRM
Repetitive peak reverse current
tp = 2
µs
F = 1KHz
1A
Tstg
Storage temperature range
- 65 to + 175
°C
Tj
Maximum junction temperature
175
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
ABSOLUTE MAXIMUM RATINGS
IPAK
STPS1045H


Similar Part No. - STPS1045B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
STPS1045B IRF-STPS1045B Datasheet
183Kb / 7P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
STPS1045B VISHAY-STPS1045B Datasheet
91Kb / 6P
Schottky Rectifier, 10 A
23-Apr-08
logo
STMicroelectronics
STPS1045B STMICROELECTRONICS-STPS1045B Datasheet
75Kb / 7P
Power Schottky rectifier
01-Jul-2010
STPS1045B STMICROELECTRONICS-STPS1045B Datasheet
333Kb / 8P
Power Schottky rectifier
05-Oct-2016
STPS1045B-TR STMICROELECTRONICS-STPS1045B-TR Datasheet
75Kb / 7P
Power Schottky rectifier
01-Jul-2010
More results

Similar Description - STPS1045B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com