Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB22 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FSUSB22
Description  Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB22 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FSUSB22 Datasheet HTML 4Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 5Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 6Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 7Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 8Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 9Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 10Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 11Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB22 • Rev. 1.0.3
8
AC Loadings and Waveforms
S
B
A
50
Ω
/OE
Control
GND
Monitor
Figure 13. Bandwidth Test
Input
400mV
Output
800mV
VOH
VOL
tPHL
tPLH
50%
50%
50%
50%
Figure 14. Propagation Delay
Input
Output
800mV
400mV
VOH
50%
50%
50%
50%
0
VOL
tPHL
tSK(P) = | tPHL - tPHL |
tPLH
Figure 15. Pulse Skew tSP(P)
Input
Output 1
Output 2
800mV
400mV
50%
50%
50%
50%
50%
50%
0
tPHL1
tPHL2
tSK(O) = | tPLH1 - tPLH2 | or | tPHL1 - tPHL2 |
tSK(O)
tSK(O)
tPLH1
tPLH2
Figure 16. Output Skew tSK(O)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com