Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB22 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSUSB22
Description  Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB22 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSUSB22 Datasheet HTML 1Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 2Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 3Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 4Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 5Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 6Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 7Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 8Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
March 2008
©2005Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB22 • Rev. 1.0.3
FSUSB22 — Low-Power, 2-Port, High-Speed USB 2.0
(480Mbps) Switch
Features
-40dB Off Isolation at 250MHz
-40dB Non-adjacent Channel Crosstalk at 250MHz
On Resistance: 4.5
Ω Typical (RON)
-3dB Bandwidth: 750MHz
Low-Power Consumption: 1µA Maximum
Control Input: TTL Compatible
Bi-directional Operation
USB High-Speed and Full-Speed Signaling
Capability
Applications
Cell Phones, PDAs, Digital Cameras, Notebook
Computers
Description
FSUSB22
is
a
low-power,
high-bandwidth
switch
specially designed for applications switching high-speed
USB 2.0 signals in handset and consumer applications;
such as cell phone, digital camera, and notebook with
hubs or controllers of limited USB I/O. The wide
bandwidth (750MHz) allows signals to pass with
minimum edge and phase distortion. Superior channel-
to-channel crosstalk results in minimal interference. It is
compatible with the USB2.0 Hi-Speed standard.
.
Ordering Information
Part Number
Operating
Temperature
Range
Package
Packing
Method
FSUSB22BQX
-40 to +85°C
16-Terminal Depopulated Quad Very-Thin Flat Pack No Leads
(DQFN), JEDEC MO-241, 2.5 x 3.5mm
Tape and
Reel
FSUSB22QSC
-40 to +85°C
16-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137,
0.150-inch Wide
Tube
FSUSB22QSCX
-40 to +85°C
16-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137,
0.150-inch Wide
Tape and
Reel
FSUSB22MTC
-40 to +85°C
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC
MO-153, 4.4mm Wide
Tube
FSUSB22MTCX
-40 to +85°C
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC
MO-153, 4.4mm Wide
Tape and
Reel
All packages are lead free per JEDEC: J-STD-020B standard.


Similar Part No. - FSUSB22

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB22 FAIRCHILD-FSUSB22 Datasheet
337Kb / 11P
Low Voltage Ultra Low Power USB High Speed (480 Mbps) Dual DPDT Switch
FSUSB22 FAIRCHILD-FSUSB22 Datasheet
833Kb / 11P
Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22BQX FAIRCHILD-FSUSB22BQX Datasheet
337Kb / 11P
Low Voltage Ultra Low Power USB High Speed (480 Mbps) Dual DPDT Switch
FSUSB22BQX FAIRCHILD-FSUSB22BQX Datasheet
833Kb / 11P
Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22MTC FAIRCHILD-FSUSB22MTC Datasheet
337Kb / 11P
Low Voltage Ultra Low Power USB High Speed (480 Mbps) Dual DPDT Switch
More results

Similar Description - FSUSB22

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB20 FAIRCHILD-FSUSB20_06 Datasheet
1Mb / 17P
Low-Power 1-Port High-Speed USB (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_08 Datasheet
1Mb / 18P
Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_08 Datasheet
539Kb / 14P
Low-Power, Single-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_12 Datasheet
739Kb / 18P
Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com