Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS140 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS140
Description  POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS140 Datasheet(HTML) 3 Page - STMicroelectronics

  STPS140 Datasheet HTML 1Page - STMicroelectronics STPS140 Datasheet HTML 2Page - STMicroelectronics STPS140 Datasheet HTML 3Page - STMicroelectronics STPS140 Datasheet HTML 4Page - STMicroelectronics STPS140 Datasheet HTML 5Page - STMicroelectronics STPS140 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1E-3
1E-2
1E-1
1E+0
0
1
2
3
4
5
6
7
8
t(s)
IM(A)
Ta=25°C
Ta=50°C
Ta=100°C
IM
t
δ=0.5
Fig. 3-1: Non repetivesurge peak forward current
versus overload duration (maximum values) (SMB).
1E-3
1E-2
1E-1
1E+0
0
1
2
3
4
5
6
7
8
Ta=25°C
Ta=50°C
Ta=100°C
t(s)
IM(A)
IM
t
δ=0.5
Fig. 3-2: Non repetivesurge peak forward current
versus overload duration (maximum values) (SMA).
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
tp(s)
Zth(j-a)/Rth(j-a)
Single pulse
Printed circuit board: SCu=1.5cm (e=35µm)
2
= 0.1
δ
= 0.2
δ
= 0.5
δ
T
δ=tp/T
tp
Fig. 4-1: Relative variation of thermal impedance
junction to ambient versus pulse duration (SMB).
1E-2
1E-1
1E+0
1E+1
1E+2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Zth(j-a)/Rth(j-a)
Single pulse
= 0.1
δ
= 0.2
δ
= 0.5
δ
T
δ=tp/T
tp
tp(s)
Printed circuit board: SCu=1.5cm (e=35µm)
2
Fig. 4-2: Relative variation of thermal impedance
junction to ambient versus pulse duration (SMA).
0
5
10
15
20
25
30
35
40
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
VR(V)
IR(µA)
Tj=125°C
Tj=75°C
Tj=25°C
Fig. 5: Reverse leakage current versus reverse
voltage applied (typical values).
12
5
10
20
50
10
20
50
100
200
C(pF)
F=1MHz
Tj=25°C
VR(V)
Fig. 6: Junction capacitance versus reverse
voltage applied (typical values)
STPS140A/U
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com