Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS140 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS140
Description  POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS140 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS140 Datasheet HTML 1Page - STMicroelectronics STPS140 Datasheet HTML 2Page - STMicroelectronics STPS140 Datasheet HTML 3Page - STMicroelectronics STPS140 Datasheet HTML 4Page - STMicroelectronics STPS140 Datasheet HTML 5Page - STMicroelectronics STPS140 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STPS140A/U
®
July 1998 - Ed: 6B
POWER SCHOTTKY RECTIFIER
IF(AV)
1 A
VRRM
40 V
VF (max)
0.5 V
MAIN PRODUCT CHARACTERISTICS
VERY SMALL CONDUCTION LOSSES
NEGLIGIBLE SWITCHING LOSSES
LOW FORWARD VOLTAGE DROP
SURFACE MOUNTED DEVICE
FEATURES AND BENEFITS
Single chip Schottky rectifier suited for Switch-
mode Power Supplies and high frequency DC to
DC converters.
Packaged in SMA and SMB(*), this device is in-
tended for surface mounting and used in low volt-
age, high frequency inverters, free wheeling and
polarity protection applications.
(*) in accordance with DO214AAand DO21AC JEDEC
DESCRIPTION
SMB
STPS140U
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
40
V
IF(RMS)
RMS forward current
7
A
IF(AV)
Average forward current
δ = 0.5
SMA
TL = 130°C
1
A
SMB
TL = 135°C
IFSM
Surge non repetitive forward current
tp = 10 ms
Sinusoidal
60
A
IRRM
Repetitive peak reverse current
tp = 2
µs
F = 1kHz
1A
IRSM
Non repetitive peak reverse current
tp = 100
µs square
1
A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum junction temperature
150
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values)
SMA
STPS140A
1/6


Similar Part No. - STPS140

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS140 STMICROELECTRONICS-STPS140 Datasheet
70Kb / 7P
POWER SCHOTTKY RECTIFIER
STPS140-Y STMICROELECTRONICS-STPS140-Y Datasheet
103Kb / 9P
Automotive power Schottky rectifier
10-Dec-2010
STPS140A STMICROELECTRONICS-STPS140A Datasheet
70Kb / 7P
POWER SCHOTTKY RECTIFIER
STPS140U STMICROELECTRONICS-STPS140U Datasheet
70Kb / 7P
POWER SCHOTTKY RECTIFIER
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
More results

Similar Description - STPS140

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
Power Schottky rectifier
15-Feb-2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com