Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5987ATR Datasheet(PDF) 36 Page - STMicroelectronics

Part # L5987ATR
Description  3 A step-down switching regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5987ATR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L5987ATR Datasheet HTML 32Page - STMicroelectronics L5987ATR Datasheet HTML 33Page - STMicroelectronics L5987ATR Datasheet HTML 34Page - STMicroelectronics L5987ATR Datasheet HTML 35Page - STMicroelectronics L5987ATR Datasheet HTML 36Page - STMicroelectronics L5987ATR Datasheet HTML 37Page - STMicroelectronics L5987ATR Datasheet HTML 38Page - STMicroelectronics L5987ATR Datasheet HTML 39Page - STMicroelectronics L5987ATR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
L5987 - L5987A
Application information
36/42
Figure 28.
Load regulation
Figure 29.
Line regulation
Figure 30.
Load transient:
from 0.4 A to 3 A
Figure 31.
Soft-start
Figure 32.
Short-circuit behavior
0
0.2
0.4
0.6
0.8
1
1.2
00.5
11.5
22.5
3
IO [A]
VCC=12V
VCC=5V
0
0.2
0.4
0.6
0.8
1
2
4
6
8
10
12
14
16
18
VCC [V]
IO=1A
IO=2A
IO=3A
VOUT
100mV/div
AC coupled
IL 1A/div
Time base 100us/div
COUT=47uF
L=3.8uH
FSW=520k
VOUT
100mV/div
AC coupled
IL 1A/div
Time base 100us/div
COUT=47uF
L=3.8uH
FSW=520k
IL 1A/div
VOUT 1V/div
Time base 1ms/div
IL 1A/div
VOUT 0.5V/div
Time base 1ms/div
IL 1A/div
VOUT 1V/div
Time base 1ms/div
IL 1A/div
VOUT 0.5V/div
Time base 1ms/div
IL 1A/div
OUT 10V/div
VOUT 1V/div
SHORTED OUTPUT
Time base 5ms/div
IL 1A/div
OUT 10V/div
VOUT 0.5V/div
SHORTED OUTPUT
Time base 5ms/div
IL 1A/div
OUT 10V/div
VOUT 1V/div
SHORTED OUTPUT
Time base 5ms/div
IL 1A/div
OUT 10V/div
VOUT 0.5V/div
SHORTED OUTPUT
Time base 5ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com