Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5987ATR Datasheet(PDF) 38 Page - STMicroelectronics

Part # L5987ATR
Description  3 A step-down switching regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5987ATR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L5987ATR Datasheet HTML 34Page - STMicroelectronics L5987ATR Datasheet HTML 35Page - STMicroelectronics L5987ATR Datasheet HTML 36Page - STMicroelectronics L5987ATR Datasheet HTML 37Page - STMicroelectronics L5987ATR Datasheet HTML 38Page - STMicroelectronics L5987ATR Datasheet HTML 39Page - STMicroelectronics L5987ATR Datasheet HTML 40Page - STMicroelectronics L5987ATR Datasheet HTML 41Page - STMicroelectronics L5987ATR Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Package mechanical data
L5987 - L5987A
38/42
Figure 33.
Package dimensions
Table 10.
VFQFPN8 (3x3x1.08 mm) mechanical data
Dim.
mm
inch
Min
Typ
Max
Min
Typ
Max
A
0.80
0.90
1.00
0.0315
0.0354
0.0394
A1
0.02
0.05
0.0008
0.0020
A2
0.70
0.0276
A3
0.20
0.0079
b
0.18
0.23
0.30
0.0071
0.0091
0.0118
D
2.95
3.00
3.05
0.1161
0.1181
0.1200
D2
2.23
2.38
2.48
0.0878
0.0937
0.0976
E
2.95
3.00
3.05
0.1161
0.1181
0.1200
E2
1.65
1.70
1.75
0.0649
0.0669
0.0689
e0.50
0.0197
L
0.35
0.40
0.45
0.0137
0.0157
0.0177
ddd
0.08
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com