Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS160 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS160
Description  POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS160 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS160 Datasheet HTML 1Page - STMicroelectronics STPS160 Datasheet HTML 2Page - STMicroelectronics STPS160 Datasheet HTML 3Page - STMicroelectronics STPS160 Datasheet HTML 4Page - STMicroelectronics STPS160 Datasheet HTML 5Page - STMicroelectronics STPS160 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STPS160A/U
®
July 1999 - Ed: 5A
POWER SCHOTTKY RECTIFIER
IF(AV)
1 A
VRRM
60 V
Tj (max)
150°C
VF (max)
0.57 V
MAIN PRODUCT CHARACTERISTICS
VERY SMALL CONDUCTION LOSSES
NEGLIGIBLE SWITCHING LOSSES
LOW FORWARD VOLTAGE DROP
SURFACE MOUNTED DEVICE
FEATURES AND BENEFITS
Single chip Schottky rectifier suited for Switched
Mode Power Supplies and high frequency DC to
DC converters.
Packaged in SMA or SMB, this device is intended
for surface mounting and used in low voltage, high
frequency inverters, free wheeling and polarity pro-
tection applications.
DESCRIPTION
SMB
(JEDEC DO-214AA)
STPS160U
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
60
V
IF(RMS)
RMS forward current
10
A
IF(AV)
Average forward current
TLead = 130°C
δ = 0.5
1A
IFSM
Surge non repetitive forward current
tp = 10 ms
Sinusoidal
75
A
IRRM
Repetitive peak reverse current
tp = 2
µs square
F = 1kHz
1A
IRSM
Non repetitive peak reverse current
tp = 100
µs square
1
A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum junction temperature *
150
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values)
SMA
(JEDEC DO-214AC)
STPS160A
* :
dPtot
dTj
<
1
Rth
(j−a)
thermal runaway condition for a diode on its own heatsink
1/6


Similar Part No. - STPS160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS160 STMICROELECTRONICS-STPS160 Datasheet
355Kb / 13P
60 V, 1 A power Schottky rectifier
08-Oct-2019
STPS160-Y STMICROELECTRONICS-STPS160-Y Datasheet
168Kb / 9P
Automotive power Schottky rectifier
28-Jun-2012
STPS16045 STMICROELECTRONICS-STPS16045 Datasheet
125Kb / 4P
POWER SCHOTTKY RECTIFIER
Jun-1999
STPS16045TV STMICROELECTRONICS-STPS16045TV Datasheet
49Kb / 4P
POWER SCHOTTKY RECTIFIER
Jun-1999
STPS16045TV STMICROELECTRONICS-STPS16045TV Datasheet
125Kb / 4P
POWER SCHOTTKY RECTIFIER
Jun-1999
More results

Similar Description - STPS160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com