Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M01-R Datasheet(PDF) 6 Page - STMicroelectronics

Part # M24M01-R
Description  1 Mbit serial I²C bus EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M24M01-R_08 Datasheet HTML 2Page - STMicroelectronics M24M01-R_08 Datasheet HTML 3Page - STMicroelectronics M24M01-R_08 Datasheet HTML 4Page - STMicroelectronics M24M01-R_08 Datasheet HTML 5Page - STMicroelectronics M24M01-R_08 Datasheet HTML 6Page - STMicroelectronics M24M01-R_08 Datasheet HTML 7Page - STMicroelectronics M24M01-R_08 Datasheet HTML 8Page - STMicroelectronics M24M01-R_08 Datasheet HTML 9Page - STMicroelectronics M24M01-R_08 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Description
M24M01-R, M24M01-W, M24M01-HR
6/36
1
Description
The M24M01-R, M24M01-HR and M24M01-W are I2C-compatible electrically erasable
programmable memory (EEPROM) devices organized as 128 Kb × 8 bits.
The I2C bus is a two-wire serial interface, comprising a bidirectional data line and a clock
line. The devices carry a built-in 4-bit device type identifier code (1010) in accordance with
the I2C bus definition.
The M24M01-R, M24M01-HR and M24M01-W behave as slaves in the I2C protocol, with all
memory operations synchronized by the serial clock. Read and Write operations are
generated by the bus master and initiated by a Start condition, followed by the device select
code, address bytes and data bytes. Data transfers are terminated by a Stop condition after
an Ack for Write, and after a NoAck for Read.
When writing data to the memory, the device inserts an acknowledge bit during the 9th bit
time, following the bus master’s 8-bit transmission. When data is read by the bus master, the
bus master acknowledges the receipt of the data byte in the same way.
The M24M01-R, M24M01-HR and M24M01-W are delivered in SO8 packages and the
M24M01-R is also available in wafer form (see Table 20: Available M24M01-x products
(package, voltage range, frequency, temperature grade) for details).
Caution:
As EEPROM cells loose their charge (and so their binary value) when exposed to ultra violet
(UV) light, EEPROM dice delivered in wafer form by STMicroelectronics must never be
exposed to UV light.
Figure 1.
Logic diagram
AI13415d
SDA
VCC
M24M01-R
M24M01-HR
M24M01-W
WC
SCL
VSS
2
E1-E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com