Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M01-R Datasheet(PDF) 1 Page - STMicroelectronics

Part # M24M01-R
Description  1 Mbit serial I²C bus EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-R Datasheet(HTML) 1 Page - STMicroelectronics

  M24M01-R_08 Datasheet HTML 1Page - STMicroelectronics M24M01-R_08 Datasheet HTML 2Page - STMicroelectronics M24M01-R_08 Datasheet HTML 3Page - STMicroelectronics M24M01-R_08 Datasheet HTML 4Page - STMicroelectronics M24M01-R_08 Datasheet HTML 5Page - STMicroelectronics M24M01-R_08 Datasheet HTML 6Page - STMicroelectronics M24M01-R_08 Datasheet HTML 7Page - STMicroelectronics M24M01-R_08 Datasheet HTML 8Page - STMicroelectronics M24M01-R_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
September 2008
Rev 5
1/36
1
M24M01-R, M24M01-W
M24M01-HR
1 Mbit serial I²C bus EEPROM
Features
■ Compatible with I2C extended addressing
■ Two-wire I2C serial interface:
– M24M01-HR:
1 MHz clock, compatible with the Fast-
mode Plus I2C protocol
– M24M01-R, M24M01-W:
400 kHz clock, compatible with the Fast-
mode I2C protocol
■ Single supply voltage:
– 1.8 V to 5.5 V
– 2.5 V to 5.5 V
■ Hardware write control
■ Byte and Page Write (up to 256 bytes)
■ Random and Sequential Read modes
■ Self-timed programming cycle
■ Automatic address incrementing
■ Enhanced ESD/Latch-Up protection
■ More than 1 million Write cycles
■ More than 40-year data retention
■ Packages
–ECOPACK® (RoHS compliant)
SO8 (MN)
150 mils width
SO8 (MW)
208 mils width
Wafer
www.st.com


Similar Part No. - M24M01-R_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24M01-R STMICROELECTRONICS-M24M01-R_09 Datasheet
429Kb / 37P
1 Mbit serial I²C bus EEPROM
26-Jun-2009
More results

Similar Description - M24M01-R_08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024 Datasheet
591Kb / 30P
1 Mbit SPI Bus Serial EEPROM
2007
logo
STMicroelectronics
M24M01-R STMICROELECTRONICS-M24M01-R Datasheet
287Kb / 30P
1 Mbit serial I짼C bus EEPROM
26-Nov-2007
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024_10 Datasheet
561Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25AA1024_1005 MICROCHIP-25AA1024_1005 Datasheet
561Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M24M01-R STMICROELECTRONICS-M24M01-R_09 Datasheet
429Kb / 37P
1 Mbit serial I²C bus EEPROM
26-Jun-2009
logo
Microchip Technology
25LC1024-ESM MICROCHIP-25LC1024-ESM Datasheet
705Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25AA1024 MICROCHIP-25AA1024_15 Datasheet
496Kb / 36P
1 Mbit SPI Bus Serial EEPROM
01/27/15
logo
STMicroelectronics
M95M01-DF STMICROELECTRONICS-M95M01-DF Datasheet
878Kb / 51P
1-Mbit serial SPI bus EEPROM
21-Feb-2017
M24M01-R STMICROELECTRONICS-M24M01-R_V01 Datasheet
832Kb / 47P
1-Mbit serial I²C bus EEPROM
23-Oct-2017
M24M02-DR STMICROELECTRONICS-M24M02-DR_V01 Datasheet
1,005Kb / 40P
2-Mbit serial I²C bus EEPROM
18-Oct-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com