Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3243C Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST3243C
Description  3 to 5.5 V, 400 Kbps, RS-232 transceiver with auto-power-down
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243C Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST3243C Datasheet HTML 2Page - STMicroelectronics ST3243C Datasheet HTML 3Page - STMicroelectronics ST3243C Datasheet HTML 4Page - STMicroelectronics ST3243C Datasheet HTML 5Page - STMicroelectronics ST3243C Datasheet HTML 6Page - STMicroelectronics ST3243C Datasheet HTML 7Page - STMicroelectronics ST3243C Datasheet HTML 8Page - STMicroelectronics ST3243C Datasheet HTML 9Page - STMicroelectronics ST3243C Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Electrical characteristics
ST3243B - ST3243C
6/22
3
Electrical characteristics
Table 5.
Electrical characteristics
(C1 - C4 = 0.1 µF, VCC = 3 V to 5.5 V, TA = -40 to 85 °C, unless otherwise specified. Typical
values are referred to TA = 25 °C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IASHDN Supply current auto-power-down
VCC = 3.3 or 5.0V, TA = 25°C
All R_IN open, FORCEOFF = VCC
110
µA
ISHDN
Shutdown supply current
VCC = 3.3 or 5.0V, TA = 25°C
All R_IN open, FORCEOFF = GND
110
µA
ISHDN
Supply current auto-power-down
disabled
VCC = 3.3 or 5.0V TA = 25°C
FORCEON = FORCEOFF = VCC
No Load
0.3
1
mA
Table 6.
Logic input electrical characteristics
(C1 - C4 = 0.1 µA, VCC = 3 V to 5.5 V, TA = -40 to 85 °C, unless otherwise specified. Typical
values are referred to TA = 25 °C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VTIL
Input logic threshold low
T-IN, FORCEON, FORCEOFF
0.8
V
VTIH
Input logic threshold high
T-IN, FORCEON, FORCEOFF
VCC = 3.3V
VCC = 5V
2
2.4
V
V
VTHYS
Transmitter input hysteresis
0.5
V
IIL
Input leakage current
T-IN, FORCEON, FORCEOFF
± 0.01
± 1.0
µA
IOL
Output leakage current
Receiver Disabled
± 0.05
± 10
µA
VOL
Output voltage low
IOUT = 1.6mA
0.4
V
VOH
Output voltage high
IOUT = -1mA
VCC-0.6 VCC-0.1
V
Table 7.
Auto-power-down electrical characteristics
(C1 - C4 = 0.1 µF, VCC = 3 V to 5.5 V, TA = -40 to 85 °C, unless otherwise specified. Typical
values are referred to TA = 25 °C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VRITE
Receiver input threshold to
transmitter enabled
Positive threshold
Negative threshold
2.7
2.7
V
V
VRITD
Receiver input threshold to
transmitter disabled
1 µA Supply Current
-0.3
0.3
V
VIOL
INVALID Output voltage LOW
0.4
V
VIOH
INVALID Output voltage HIGH
VCC-0.6
V
tWU
Receiver threshold to
transmitter enabled
IOUT = 1.6mA
250
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com