Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3243C Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST3243C
Description  3 to 5.5 V, 400 Kbps, RS-232 transceiver with auto-power-down
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243C Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST3243C Datasheet HTML 7Page - STMicroelectronics ST3243C Datasheet HTML 8Page - STMicroelectronics ST3243C Datasheet HTML 9Page - STMicroelectronics ST3243C Datasheet HTML 10Page - STMicroelectronics ST3243C Datasheet HTML 11Page - STMicroelectronics ST3243C Datasheet HTML 12Page - STMicroelectronics ST3243C Datasheet HTML 13Page - STMicroelectronics ST3243C Datasheet HTML 14Page - STMicroelectronics ST3243C Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ST3243B - ST3243C
Typical performance characteristics
11/22
5
Typical performance characteristics
Unless otherwise specified TJ = 25 °C
Figure 3.
Invalid high threshold time
Figure 4.
Invalid low threshold time
Figure 5.
Receiver propagation delay
Figure 6.
Receiver output enable & disable
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com