Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULN2068B Datasheet(PDF) 2 Page - STMicroelectronics

Part # ULN2068B
Description  50V - 1.5A QUAD DARLINGTON SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULN2068B Datasheet(HTML) 2 Page - STMicroelectronics

  ULN2068B Datasheet HTML 1Page - STMicroelectronics ULN2068B Datasheet HTML 2Page - STMicroelectronics ULN2068B Datasheet HTML 3Page - STMicroelectronics ULN2068B Datasheet HTML 4Page - STMicroelectronics ULN2068B Datasheet HTML 5Page - STMicroelectronics ULN2068B Datasheet HTML 6Page - STMicroelectronics ULN2068B Datasheet HTML 7Page - STMicroelectronics ULN2068B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SCHEMATIC DIAGRAM
ULN2064B : RIN = 350
Ω
ULN2066B : RIN = 3k
Ω
ULN2068B : RIN = 2.5k
Ω, Rs = 900Ω
ULN2070B : RIN = 11.6k
Ω, Rs = 3.4kΩ
ULN2074B : RIN = 350
Ω
ULN2076B : RIN = 3k
Ω
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCEX
Output Voltage
50
V
VCE(sus)
Output Sustaining Voltage
35
V
IO
Output Current
1.75
A
Vi
Input Voltage
for ULN2066B – 2070B - 2074B - 2076B
for ULN2064B – 2068B
30
15
V
V
II
Input Current
25
mA
Vs
Supply Voltage
for ULN2068B
for ULN2070B
10
20
V
V
Ptot
Power Dissipation
at Tpins = 90
°C
at Tamb = 70
°C
4.3
1
W
W
Tamb
Operating Ambient Temperature Range
– 20 to 85
°C
Tstg
Storage Temperature
– 55 to 150
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25
oC unless otherwise specified )
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Fig.
ICEX
Output Leakage Current
VCE = 50V
Tamb = 25
°C
Tamb = 70
°C
100
500
µA
µA
1
VCE(sus)
Collector-emitter Sustaining Voltage
IC = 100mA, Vi = 0.4V
35
V
2
VCE(sat)
Collector-emitter Saturation Voltage
IC = 500mA
IB = 625
µA
IC = 750mA
IB = 935
µA
IC = 1A
IB = 1.25mA
IC = 1.25A
IB = 2mA
1.1
1.2
1.3
1.4
V
V
V
V
3
3
3
3
Ii(on)
Input Current
for ULN2064B and ULN2074B
Vi = 2.4V
Vi = 3.75V
for ULN2066B and ULN2076B
Vi = 5V
Vi = 12V
for ULN2068B
Vi = 2.75V
Vi = 3.75V
for ULN2070B
Vi = 5V
Vi = 12V
1.4
3.3
0.6
1.7
4.3
9.6
1.8
5.2
0.55
1.0
0.4
1.25
mA
mA
mA
mA
mA
mA
mA
mA
4
4
4
4
4
4
4
4
ULN2064B-ULN2066B-ULN2068B-ULN2070B-ULN2074B-ULN2076B
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com