Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULN2068B Datasheet(PDF) 5 Page - STMicroelectronics

Part # ULN2068B
Description  50V - 1.5A QUAD DARLINGTON SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULN2068B Datasheet(HTML) 5 Page - STMicroelectronics

  ULN2068B Datasheet HTML 1Page - STMicroelectronics ULN2068B Datasheet HTML 2Page - STMicroelectronics ULN2068B Datasheet HTML 3Page - STMicroelectronics ULN2068B Datasheet HTML 4Page - STMicroelectronics ULN2068B Datasheet HTML 5Page - STMicroelectronics ULN2068B Datasheet HTML 6Page - STMicroelectronics ULN2068B Datasheet HTML 7Page - STMicroelectronics ULN2068B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MOUNTING INSTRUCTIONS
The Rth j-amb can be reduced by soldering the GND
pins to a suitable copper area of the printed circuit
board (Fig. 12) or to an external heatsink (Fig. 13).
The diagram of Figure 14 shows the maximum dis-
sipable power Ptot and the Rth j-amb as a function of
the side "
α" of two equal square copper areas hav-
ing a thickness of 35
µ (1.4 mils).
During soldering the pins temperature must not ex-
ceed 260 °C and the soldering time must not be
longer than 12 seconds.
The external heatsink or printed circuit copper area
must be connected to electrical ground.
Figure 12 : Example of P.C. Board Area which is
Used as Heatsink.
Figure 13 : External Heatsink Mounting Example.
Figure 14 : Maximum Dissipable Power and Junc-
tion to Ambient Thermal Resistance
vs. Side "
α".
Figure 15 : Maximum Allowable Power Dissipa-
tion vs. Ambient Temperature.
ULN2064B-ULN2066B-ULN2068B-ULN2070B-ULN2074B-ULN2076B
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com