Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN751PT Datasheet(PDF) 11 Page - STMicroelectronics

Part # VN751PT
Description  High side driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN751PT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VN751PT Datasheet HTML 7Page - STMicroelectronics VN751PT Datasheet HTML 8Page - STMicroelectronics VN751PT Datasheet HTML 9Page - STMicroelectronics VN751PT Datasheet HTML 10Page - STMicroelectronics VN751PT Datasheet HTML 11Page - STMicroelectronics VN751PT Datasheet HTML 12Page - STMicroelectronics VN751PT Datasheet HTML 13Page - STMicroelectronics VN751PT Datasheet HTML 14Page - STMicroelectronics VN751PT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
VN751PT
Reverse polarity protection
11/16
7
Reverse polarity protection
A schematic solution to protect the IC against a reverse polarity condition is proposed.
This schematic is effective with any type of load connected to the outputs of the IC.
The RGND resistor value can be selected according to the following conditions to be met:
1.
RGND ≤ 600 mV / (IS in ON state max).
2.
RGND ≥ (-VCC) / (-IGND)
where -IGND is the DC reverse ground pin current and can be found in the absolute maximum
rating section of the device datasheet.
The power dissipation associated to RGNG during reverse polarity condition is:
PD = (-VCC)
2/R
GND
This resistor can be shared by several different ICs. In such case IS value on formula (1) is the
sum of the maximum ON-state currents of the different devices.
Please note that if the microprocessor ground and the device ground are separated then the
voltage drop across the RGND (given by IS in ON state max * RGND) produce a difference
between the generated input level and the IC input signal level. This voltage drop will vary
depending on how many devices are ON in the case of several high side switches sharing the
same RGND.
Figure 9.
Reverse polarity protection
Status
i
Input
i
GND
Output
i
+ Vcc
R
GND
(Optional)
Load
Status
i
Input
i
GND
Output
i
+ Vcc
R
GND
(Optional)
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com