Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN751PT Datasheet(PDF) 13 Page - STMicroelectronics

Part # VN751PT
Description  High side driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN751PT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VN751PT Datasheet HTML 8Page - STMicroelectronics VN751PT Datasheet HTML 9Page - STMicroelectronics VN751PT Datasheet HTML 10Page - STMicroelectronics VN751PT Datasheet HTML 11Page - STMicroelectronics VN751PT Datasheet HTML 12Page - STMicroelectronics VN751PT Datasheet HTML 13Page - STMicroelectronics VN751PT Datasheet HTML 14Page - STMicroelectronics VN751PT Datasheet HTML 15Page - STMicroelectronics VN751PT Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
VN751PT
Package mechanical data
13/16
Figure 10. Package dimensions
Table 9.
PPAK mechanical data
Dim.
Min
Typ
Max
A
2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
B
0.40
0.60
B2
5.20
5.40
C
0.45
0.60
C2
0.48
0.60
D1
5.1
D
6.00
6.20
E
6.40
6.60
E1
4.7
e1.27
G
4.90
5.25
G1
2.38
2.70
H
9.35
10.10
L2
0.8
1.00
L4
0.60
1.00
R0.2
V2
Package weight
Gr. 0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com