Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4962 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L4962
Description  1.5A POWER SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4962 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L4962 Datasheet HTML 7Page - STMicroelectronics L4962 Datasheet HTML 8Page - STMicroelectronics L4962 Datasheet HTML 9Page - STMicroelectronics L4962 Datasheet HTML 10Page - STMicroelectronics L4962 Datasheet HTML 11Page - STMicroelectronics L4962 Datasheet HTML 12Page - STMicroelectronics L4962 Datasheet HTML 13Page - STMicroelectronics L4962 Datasheet HTML 14Page - STMicroelectronics L4962 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
APPLICATION INFORMATION (continued)
Figure 29. DC-DC converter 5.1V/4A,
± 12V/1A. A suggestion how to synchronize a negative output
L1, L3 = COGEMA 946043 (969051)
L2 = COGEMA 946044 (946045)
Figure 30. In multiple supplies several
L4962s can be synchronized as shown
Figure 31. Preregulator for distributed supplies
* L2 and C2 are necessary to reduce the switching frequency spikes
when linear regulators are remote from L4962
11/16
L4962



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com