Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4962 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4962
Description  1.5A POWER SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4962 Datasheet(HTML) 1 Page - STMicroelectronics

  L4962 Datasheet HTML 1Page - STMicroelectronics L4962 Datasheet HTML 2Page - STMicroelectronics L4962 Datasheet HTML 3Page - STMicroelectronics L4962 Datasheet HTML 4Page - STMicroelectronics L4962 Datasheet HTML 5Page - STMicroelectronics L4962 Datasheet HTML 6Page - STMicroelectronics L4962 Datasheet HTML 7Page - STMicroelectronics L4962 Datasheet HTML 8Page - STMicroelectronics L4962 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
®
L4962
1.5A POWER SWITCHING REGULATOR
1.5A OUTPUT CURRENT
5.1V TO 40V OUTPUT VOLTAGE RANGE
PRECISE (
± 2%) ON-CHIP REFERENCE
HIGH SWITCHING FREQUENCY
VERY HIGH EFFICIENCY (UP TO 90%)
VERY FEW EXTERNAL COMPONENTS
SOFT START
INTERNAL LIMITING CURRENT
THERMAL SHUTDOWN
DESCRIPTION
The L4962 is a monolithic power switching regula-
tor delivering 1.5A at a voltage variable from 5V to
40V in step down configuration.
Features of the device include current limiting, soft
start, thermal protection and 0 to 100% duty cycle
for continuous operating mode.
June 2000
ORDERING NUMBERS : L4962/A (12 + 2 + 2 Powerdip)
L4962E/A (Heptawatt
Vertical)
L4962EH/A (Horizontal
Heptawatt)
The L4962 is mounted in a 16-lead Powerdip plastic
package and Heptawatt package and requires very
few external components.
Efficient operation at switching frequencies up to
150KHz allows a reduction in the size and cost of
external filter components.
HEPTAWATT
POWERDIP
(12 + 2 + 2)
BLOCK DIAGRAM
Pin X = Powerdip
Pin (X) = Heptawatt
1/16


Similar Part No. - L4962

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4962 STMICROELECTRONICS-L4962 Datasheet
199Kb / 15P
1.5A POWER SWITCHING REGULATOR
Mar-1996
L4962 STMICROELECTRONICS-L4962 Datasheet
212Kb / 15P
1.5A POWER SWITCHING REGULATOR
March 1996
L4962/A STMICROELECTRONICS-L4962/A Datasheet
212Kb / 15P
1.5A POWER SWITCHING REGULATOR
March 1996
L4962A STMICROELECTRONICS-L4962A Datasheet
199Kb / 15P
1.5A POWER SWITCHING REGULATOR
Mar-1996
L4962A STMICROELECTRONICS-L4962A Datasheet
212Kb / 15P
1.5A POWER SWITCHING REGULATOR
March 1996
More results

Similar Description - L4962

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4962 STMICROELECTRONICS-L4962 Datasheet
199Kb / 15P
1.5A POWER SWITCHING REGULATOR
Mar-1996
L4963 STMICROELECTRONICS-L4963 Datasheet
178Kb / 17P
1.5A SWITCHING REGULATOR
Jun-2000
L4971 STMICROELECTRONICS-L4971 Datasheet
134Kb / 12P
1.5A STEP DOWN SWITCHING REGULATOR
May-2000
L5971 STMICROELECTRONICS-L5971 Datasheet
96Kb / 11P
1.5A STEP DOWN SWITCHING REGULATOR
May-2000
L4962 STMICROELECTRONICS-L4962 Datasheet
212Kb / 15P
1.5A POWER SWITCHING REGULATOR
March 1996
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
1.5A step-down switching regulator
16-Oct-2007
L4971 STMICROELECTRONICS-L4971_05 Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
May-2005
E-L4971D013TR STMICROELECTRONICS-E-L4971D013TR Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
Rev. 11
E-L4971 STMICROELECTRONICS-E-L4971 Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
May-2005
logo
Linear Technology
LT1961 LINER-LT1961_15 Datasheet
165Kb / 16P
1.5A, 1.25MHz Step-Up Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com