Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4963 Datasheet (PDF) - STMicroelectronics

L4963 Datasheet PDF - STMicroelectronics
Part # L4963
Download  L4963 Download
File Size   178.37 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.5A SWITCHING REGULATOR

L4963 Datasheet (PDF)

Go To PDF Page Download Datasheet
L4963 Datasheet PDF - STMicroelectronics

Part # L4963
Download  L4963 Click to download

File Size   178.37 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.5A SWITCHING REGULATOR

L4963 Datasheet (HTML) - STMicroelectronics


L4963 Product details

DESCRIPTION

The L4963 is a monolithic power switching regulator delivering 1.5A at 5.1V. The output voltage is adjust able from 5.1V to 36V, working in discontinuous variable frequency mode. Features of the device include remote inhibit, internal current limiting and thermal protection, reset and power fail outputs for microprocessor.



■ 1.5A OUTPUT LOAD CURRENT

■ 5.1 TO 36V OUTPUT VOLTAGE RANGE

■ DISCONTINUOUS VARIABLE FREQUENCY MODE

■ PRECISE (+/–2%) ON CHIP REFERENCE

■ VERY HIGH EFFICIENCY

■ VERY FEW EXTERNAL COMPONENTS

■ NO FREQ. COMPENSATION REQUIRED

■ RESET AND POWER FAIL OUTPUT FOR MICROPROCESSOR

■ INTERNAL CURRENT LIMITING

■ THERMAL SHUTDOWN



 




Similar Part No. - L4963

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4960 STMICROELECTRONICS-L4960 Datasheet
189Kb / 16P
2.5A POWER SWITCHING REGULATOR
Jun-2000
logo
SYC Electronica
L4960 SYC-L4960 Datasheet
318Kb / 15P
2.5A POWER SWITCHING REGULATOR
logo
STMicroelectronics
L4960H STMICROELECTRONICS-L4960H Datasheet
189Kb / 16P
2.5A POWER SWITCHING REGULATOR
Jun-2000
L4962 STMICROELECTRONICS-L4962 Datasheet
199Kb / 15P
1.5A POWER SWITCHING REGULATOR
Mar-1996
L4962 STMICROELECTRONICS-L4962 Datasheet
212Kb / 15P
1.5A POWER SWITCHING REGULATOR
March 1996
More results


Similar Description - L4963

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4962 STMICROELECTRONICS-L4962 Datasheet
199Kb / 15P
1.5A POWER SWITCHING REGULATOR
Mar-1996
L4971 STMICROELECTRONICS-L4971 Datasheet
134Kb / 12P
1.5A STEP DOWN SWITCHING REGULATOR
May-2000
L5971 STMICROELECTRONICS-L5971 Datasheet
96Kb / 11P
1.5A STEP DOWN SWITCHING REGULATOR
May-2000
L4962 STMICROELECTRONICS-L4962 Datasheet
212Kb / 15P
1.5A POWER SWITCHING REGULATOR
March 1996
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
1.5A step-down switching regulator
16-Oct-2007
L4971 STMICROELECTRONICS-L4971_05 Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
May-2005
L4962 STMICROELECTRONICS-L4962_00 Datasheet
463Kb / 16P
1.5A POWER SWITCHING REGULATOR
Jun-2000
E-L4971D013TR STMICROELECTRONICS-E-L4971D013TR Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
Rev. 11
E-L4971 STMICROELECTRONICS-E-L4971 Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
May-2005
logo
Linear Technology
LT1961 LINER-LT1961_15 Datasheet
165Kb / 16P
1.5A, 1.25MHz Step-Up Switching Regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com