Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4963 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4963
Description  1.5A SWITCHING REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4963 Datasheet(HTML) 1 Page - STMicroelectronics

  L4963 Datasheet HTML 1Page - STMicroelectronics L4963 Datasheet HTML 2Page - STMicroelectronics L4963 Datasheet HTML 3Page - STMicroelectronics L4963 Datasheet HTML 4Page - STMicroelectronics L4963 Datasheet HTML 5Page - STMicroelectronics L4963 Datasheet HTML 6Page - STMicroelectronics L4963 Datasheet HTML 7Page - STMicroelectronics L4963 Datasheet HTML 8Page - STMicroelectronics L4963 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
L4963
L4963D
1.5A SWITCHING REGULATOR
®
This is advanced information on a new product now in development or underogin evaluation. Details are subject to change without notice.
1.5A OUTPUT LOAD CURRENT
5.1 TO 36V OUTPUT VOLTAGE RANGE
DISCONTINUOUS VARIABLE FREQUENCY
MODE
PRECISE (+/–2%) ON CHIP REFERENCE
VERY HIGH EFFICIENCY
VERY FEW EXTERNAL COMPONENTS
NO FREQ. COMPENSATION REQUIRED
RESET AND POWER FAIL OUTPUT FOR MI-
CROPROCESSOR
INTERNAL CURRENT LIMITING
THERMAL SHUTDOWN
DESCRIPTION
The L4963 is a monolithic power switching regulator
delivering 1.5A at 5.1V. The output voltage is adjust-
able from 5.1V to 36V, working in discontinuous
variable frequency mode. Features of the device
include remote inhibit, internal current limiting and
thermal protection, reset and power fail outputs for
microprocessor.
BLOCK DIAGRAM
Powerdip12+3+3
SO20
ORDERING NUMBERS:
L4963W
L4963D
The L4963 is mounted in a 12+3+3 lead Powerdip
(L4963) and SO20 large (L4963D) plastic pack-
ages and requires very few external components.
June 2000
1/17


Similar Part No. - L4963

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4960 STMICROELECTRONICS-L4960 Datasheet
189Kb / 16P
2.5A POWER SWITCHING REGULATOR
Jun-2000
logo
SYC Electronica
L4960 SYC-L4960 Datasheet
318Kb / 15P
2.5A POWER SWITCHING REGULATOR
logo
STMicroelectronics
L4960H STMICROELECTRONICS-L4960H Datasheet
189Kb / 16P
2.5A POWER SWITCHING REGULATOR
Jun-2000
L4962 STMICROELECTRONICS-L4962 Datasheet
199Kb / 15P
1.5A POWER SWITCHING REGULATOR
Mar-1996
L4962 STMICROELECTRONICS-L4962 Datasheet
212Kb / 15P
1.5A POWER SWITCHING REGULATOR
March 1996
More results

Similar Description - L4963

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4962 STMICROELECTRONICS-L4962 Datasheet
199Kb / 15P
1.5A POWER SWITCHING REGULATOR
Mar-1996
L4971 STMICROELECTRONICS-L4971 Datasheet
134Kb / 12P
1.5A STEP DOWN SWITCHING REGULATOR
May-2000
L5971 STMICROELECTRONICS-L5971 Datasheet
96Kb / 11P
1.5A STEP DOWN SWITCHING REGULATOR
May-2000
L4962 STMICROELECTRONICS-L4962 Datasheet
212Kb / 15P
1.5A POWER SWITCHING REGULATOR
March 1996
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
1.5A step-down switching regulator
16-Oct-2007
L4971 STMICROELECTRONICS-L4971_05 Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
May-2005
L4962 STMICROELECTRONICS-L4962_00 Datasheet
463Kb / 16P
1.5A POWER SWITCHING REGULATOR
Jun-2000
E-L4971D013TR STMICROELECTRONICS-E-L4971D013TR Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
Rev. 11
E-L4971 STMICROELECTRONICS-E-L4971 Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
May-2005
logo
Linear Technology
LT1961 LINER-LT1961_15 Datasheet
165Kb / 16P
1.5A, 1.25MHz Step-Up Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com