Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4963 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4963
Description  1.5A SWITCHING REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4963 Datasheet(HTML) 2 Page - STMicroelectronics

  L4963 Datasheet HTML 1Page - STMicroelectronics L4963 Datasheet HTML 2Page - STMicroelectronics L4963 Datasheet HTML 3Page - STMicroelectronics L4963 Datasheet HTML 4Page - STMicroelectronics L4963 Datasheet HTML 5Page - STMicroelectronics L4963 Datasheet HTML 6Page - STMicroelectronics L4963 Datasheet HTML 7Page - STMicroelectronics L4963 Datasheet HTML 8Page - STMicroelectronics L4963 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
SO20
Powerdip
Vi
Input Voltage (pin 1 and pin 3 connected togheter)
47
V
V3–V2
Input to Output Voltage Difference
47
V
V2
Negative Output DC Voltage
–1
V
V2
Negative Output Peak Voltage at t=0.2
µs, f=50kHz
–5
V
V8
V7
Power Fail Input
25
V
V9,V11
V8,V10
Reset and Power Fail Output
Vi
V10
V9
Reset Delay Input
5.5
V
V13,V18
V12,V16
Feedback and Inhibit Inputs
7V
V19,V20
V17,V18
Oscillator Inputs
5.5
V
Ptot
Total Power Dissipation Tpins
≤ 90°C (Power DIP)
(Tamb =70
°C no copper area on PCB)
(Tamb =70
°C, 4cm2 copper area on PCB)
5
1.3
2
W
W
W
Tstg,Tj
Storage & Junction Temperature
(Tamb = 70
°C 6cm2 copper area on PCB)
–40 to 150
1.45
°C
W
Ptot
Total Power Dissipation Tpins
≤90°C (SO20L)
4W
PIN CONNECTION (top view)
Powerdip18
SO20
L4963 - L4963D
2/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com