Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4963 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4963
Description  1.5A SWITCHING REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4963 Datasheet(HTML) 3 Page - STMicroelectronics

  L4963 Datasheet HTML 1Page - STMicroelectronics L4963 Datasheet HTML 2Page - STMicroelectronics L4963 Datasheet HTML 3Page - STMicroelectronics L4963 Datasheet HTML 4Page - STMicroelectronics L4963 Datasheet HTML 5Page - STMicroelectronics L4963 Datasheet HTML 6Page - STMicroelectronics L4963 Datasheet HTML 7Page - STMicroelectronics L4963 Datasheet HTML 8Page - STMicroelectronics L4963 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PIN FUNCTIONS
SO20L
Power DIP
Name
Description
11
SIGNAL SUPPLY VOLTAGE
Must be Connected to pin 3
22
OUTPUT
Regulator output
33
SUPPLY VOLTAGE
Unregulated voltage input. An internal regulator
powers the internal logic.
4, 5, 6, 7
14, 15, 16, 17
4, 5, 6
13, 14, 15
GROUND
Common ground terminal
87
POWER FAIL INPUT
Input of the power fail circuit. The threshold can be
modified introducing an external voltage divider
between the Supply Voltage and GND.
98
POWER FAIL OUTPUT
Open collector power fail signal output. This output
is high when the supply voltage is safe.
10
9
RESET DELAY
A capacitor connected between this terminal and
ground determines the reset signal delay time.
11
10
RESET OUTPUT
Open collector reset signal output. This output is
high when the output voltage value is correct.
12
11
REFERENCE VOLTAGE
Reference voltage output.
13
12
FEEDBACK INPUT
Feedback terminal of the regulation loop.
The output is connected directly to this terminal for
5.1V operation; it is connected via a divider for
higher voltages.
18
16
INHIBIT INPUT
TTL level remote inhibit. A logic low level on this
input disables the device.
19
17
C OSCILLATOR
Oscillator waveform. A capacitor connected
between this terminal and ground modifies the
maximum oscillator frequency.
20
18
R OSCILLATOR FREQ.
A resistor connected between this terminal and
ground defines the maximum switching frequency.
THERMAL DATA
Symbol
Parameter
SO20
Powerdip
Unit
Rth j-pins
Thermal Resistance Junction to Pins
max.
15
12
°C/W
Rth j-amb
Thermal Resistance Junction to Ambient (*)
max.
85
80
°C/W
(*) See Fig. 28
L4963 - L4963D
3/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com