Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4963 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4963
Description  1.5A SWITCHING REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4963 Datasheet(HTML) 4 Page - STMicroelectronics

  L4963 Datasheet HTML 1Page - STMicroelectronics L4963 Datasheet HTML 2Page - STMicroelectronics L4963 Datasheet HTML 3Page - STMicroelectronics L4963 Datasheet HTML 4Page - STMicroelectronics L4963 Datasheet HTML 5Page - STMicroelectronics L4963 Datasheet HTML 6Page - STMicroelectronics L4963 Datasheet HTML 7Page - STMicroelectronics L4963 Datasheet HTML 8Page - STMicroelectronics L4963 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
CIRCUIT DESCRIPTION (Refer to Block Dia-
gram)
The L4963 is a monolithic stepdown regulator pro-
viding 1.5A at 5.1V working in discontinuous vari-
able frequency mode. In normal operation the
device resonates at a frequency dependingprimar-
ily on the inductance value, the input and output
voltage and the load current. The maximum switch-
ing however can be limited by an internal oscillator,
which can be programmed by only one external
resistor.
The fondamental regulation loop consists of two
comparators, a precision 5.1V on-chip reference
and a drive latch. Briefly the operation is as follows:
when the choke ends its discharge the catch free-
wheeling recirculation filter diode begins to come
out of forward conduction so the output voltage of
the device approaches ground. When the output
voltage reaches –0.1V the internal comparator sets
the latch and the power stage is turned on. Then
the inductor current rises linearly until the voltage
sensed at the feedback input reaches the 5.1V
reference.
The second comparator then resets the latch and
the output stage is turned off. The current in the
choke falls linearly until it is fully discharged, then
the cycle repeats. Closing the loop directly gives an
output voltage of 5.1V. Higher output voltages are
obtained by inserting a voltage divider and this
method of control requires no frequency compen-
sation network. At output voltages greater than
5.1V the available output current must be derated
due to the increased power dissipation of the de-
vice.
Output overload protection is provided by an inter-
nal current limiter. The load current is sensed by a
on-chip metal resistor connected to a comparator
which resets the latch and turns off the power stage
in overload condition. The reset circuits (see fig. 1)
generates an output high signal when the output
voltage value is correct. It has an open collector
output and the output signal delay time can be
programmed with an external capacitor. A power-
fail circuit is also available and is used to monitor
the supply voltage. Its output goes high when the
supply voltage reaches a pre-programmedtreshold
set by a voltage divider to its input from the supply
to ground. With the input left open the threshold is
approximately equal to 5.1V. The output of the
power fail is an open collector.
A TTL level inhibit is provided for applications such
as remote on/off control. This input is activated by
a low logic level and disables circuits operation.
The thermal overload circuit disables the device
when the junction temperature is about 150
°C and
has hysteresis to prevent unstable conditions.
Figure 1: Reset and Power Fail Function
L4963 - L4963D
4/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com