Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4963 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L4963
Description  1.5A SWITCHING REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4963 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L4963 Datasheet HTML 8Page - STMicroelectronics L4963 Datasheet HTML 9Page - STMicroelectronics L4963 Datasheet HTML 10Page - STMicroelectronics L4963 Datasheet HTML 11Page - STMicroelectronics L4963 Datasheet HTML 12Page - STMicroelectronics L4963 Datasheet HTML 13Page - STMicroelectronics L4963 Datasheet HTML 14Page - STMicroelectronics L4963 Datasheet HTML 15Page - STMicroelectronics L4963 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Figure 26: Evaluation Board Circuit
PART LIST
CAPACITOR
C1
1000
µF 50V EKR (*)
C2
2.2mF 16V
C3
1000
µF 40V with low ESR
C4
1
µF 50V film
RESISTOR
R1
1K
Ω
R2
51K
Ω
R3
1K
Ω
R4
1K
Ω
R5, R6
see table
Resistor Values for Standard Output Voltages
VO
R6
R5
12
4.7K
Ω
6.2K
Ω
15
4.7K
Ω
9.1KW
18
4.7K
Ω
12KW
24
4.7K
Ω
18KW
Diode: BYW98
Core: L= 40
µH Magnetics58121-A2MPP34 Turns
0.9mm (20AWG)
(*) Minimum 100
µFif Vi is a preregulated offline SMPS output or 1000µF if a 50Hz transformer plus rectifiers is used.
L4963 - L4963D
12/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com