Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6668 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6668
Description  SMART PRIMARY CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6668 Datasheet(HTML) 2 Page - STMicroelectronics

  L6668 Datasheet HTML 1Page - STMicroelectronics L6668 Datasheet HTML 2Page - STMicroelectronics L6668 Datasheet HTML 3Page - STMicroelectronics L6668 Datasheet HTML 4Page - STMicroelectronics L6668 Datasheet HTML 5Page - STMicroelectronics L6668 Datasheet HTML 6Page - STMicroelectronics L6668 Datasheet HTML 7Page - STMicroelectronics L6668 Datasheet HTML 8Page - STMicroelectronics L6668 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
L6668
2/23
2
Description
L6668 is a current-mode primary controller IC, designed to build single-ended converters.
The IC drives the system at fixed frequency at heavy load and an improved Standby function causes a
smooth frequency reduction as the load is progressively reduced. At very light load the device enters a
special operating mode (burst-mode with fixed, externally programmed peak current) that, in addition to
the on-board high-voltage start-up and the very low quiescent current, helps keep low the consumption
from the mains and be compliant with energy saving regulations. To allow meeting compliance with these
standards in power-factor-corrected systems too, an interface with the PFC controller is provided that en-
ables to turn off the pre-regulator when the load level falls below a threshold.
The IC includes also a programmable soft-start, slope compensation for stable operation at duty cycles
greater then 50%, a disable function, a leading edge blanking on current sense to improve noise immunity,
latched disable for OVP or OTP shutdown and an effective two-level OCP able to protect the system even
in case the secondary diode fails short.
Table 2. Absolute Maximum Ratings 1
Note:
1. ESD immunity for pin 1 is guaranteed up to 900V (Human Body Model).
Table 3. Thermal Data
Figure 3. Pin Connection (Top view)
Symbol
Pin
Parameter
Value
Unit
Vcc
5
IC Supply voltage (Icc = 20 mA)
Self-limited
V
VHV
1
High-voltage start-up generator voltage range
-0.3 to 700
V
IHV
1
High-voltage start-up generator current
Self-limited
A
---
Analog Inputs & Outputs, except pin 14
-0.3 to 8
V
IPFC_STOP
14
Max. sink current (low state)
2
mA
VPFC_STOP
14
Max. voltage (open state)
16
V
Ptot
Power Dissipation @Tamb = 50°C
0.75
W
Tj
Junction Temperature Operating range
-25 to 150
°C
Tstg
Storage Temperature
-55 to 150
°C
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction to AmbientMax
120
°C/W
VREF
SKIPADJ
HV
HVS
GND
OUT
Vcc
N.C.
DIS
RCT
S-COMP
PFC_STOP
STBY
ISEN
SS
COMP
VREF
SKIPADJ
HV
HVS
GND
OUT
Vcc
N.C.
DIS
RCT
S-COMP
PFC_STOP
STBY
ISEN
SS
COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com