Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6668 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6668
Description  SMART PRIMARY CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6668 Datasheet(HTML) 1 Page - STMicroelectronics

  L6668 Datasheet HTML 1Page - STMicroelectronics L6668 Datasheet HTML 2Page - STMicroelectronics L6668 Datasheet HTML 3Page - STMicroelectronics L6668 Datasheet HTML 4Page - STMicroelectronics L6668 Datasheet HTML 5Page - STMicroelectronics L6668 Datasheet HTML 6Page - STMicroelectronics L6668 Datasheet HTML 7Page - STMicroelectronics L6668 Datasheet HTML 8Page - STMicroelectronics L6668 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
L6668
January 2006
1
General Features
■ MULTIPOWER BCD TECHNOLOGY
■ LOAD-DEPENDENT CURRENT-MODE CON-
TROL: FIXED-FREQUENCY (HEAVY LOAD),
FREQUENCY FOLDBACK (LIGHT LOAD),
BURST-MODE (NO-LOAD)
■ ON-BOARD HIGH-VOLTAGE START-UP
■ IMPROVED STANDBY FUNCTION
■ LOW QUIESCENT CURRENT (< 2 mA)
■ SLOPE COMPENSATION
■ PULSE-BY-PULSE & HICCUP-MODE OCP
■ INTERFACE WITH PFC CONTROLLER
■ DISABLE FUNCTION (ON/OFF CONTROL)
■ LATCHED DISABLE FOR OVP/OTP FUNC-
TION
■ PROGRAMMABLE SOFT-START
■ 2% PRECISION REFERENCE VOLTAGE EX-
TERNALLY AVAILABLE
■ ±800 mA TOTEM POLE GATE DRIVER WITH
INTERNAL CLAMP AND UVLO PULL-DOWN
■ BLUE ANGEL, ENERGY STAR, EU CODE OF
CONDUCT COMPLIANT
■ SO16 PACKAGE ECOPACK
®
1.1 APPLICATIONS
■ HI-END AC-DC ADAPTERS/CHARGERS FOR
NOTEBOOKS.
■ LCD/CRT MONITORS, LCD/CRT TV
■ DIGITAL CONSUMER
Figure 2. Block Diagram
16
Vref
+
-
1.5V
12
BLANKING
R
SQ
25V
Vcc_OK
DIS
0.8V
4R
11R
DIS
11
10
3
4
8
5
15
15V
CLK
COMP
SS
ISEN
RCT
S-COMP
VCC
VREF
GND
OUT
HICCUP
13
SLOPE
COMP.
VREG
VREG
0.4mA
TIMING
PWM
+
-
1
HV
ST-BY
HV generator ON/OFF
and UVLO management
Vcc_OK
14
PFC_STOP
2.2/2.7V
-
+
OCP
DIS
OCP
-
+
9
SKIPADJ
SOFT-START
HYST. CTRL
SQ
R
SQ
R
STANDBY
2.2V
7
DIS
-
+
6
N.C.
16
Vref
+
-
1.5V
12
BLANKING
R
SQ
25V
Vcc_OK
DIS
0.8V
4R
11R
DIS
11
10
3
4
8
5
15
15V
CLK
COMP
SS
ISEN
RCT
S-COMP
VCC
VREF
GND
OUT
HICCUP
13
SLOPE
COMP.
VREG
VREG
0.4mA
TIMING
PWM
+
-
1
HV
ST-BY
HV generator ON/OFF
and UVLO management
Vcc_OK
14
PFC_STOP
2.2/2.7V
-
+
OCP
DIS
OCP
-
+
9
SKIPADJ
SOFT-START
HYST. CTRL
SQ
R
SQ
R
STANDBY
2.2V
7
DIS
-
+
6
N.C.
SMART PRIMARY CONTROLLER
Rev. 4
Figure 1. Package
Table 1. Order Codes
Part Number
Package
L6668
SO-16
L6668TR
SO-16 in Tape & Reel
SO-16 (Narrow)


Similar Part No. - L6668

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6668 STMICROELECTRONICS-L6668 Datasheet
671Kb / 23P
SMART PRIMARY CONTROLLER
May-2005
L6668TR STMICROELECTRONICS-L6668TR Datasheet
671Kb / 23P
SMART PRIMARY CONTROLLER
May-2005
More results

Similar Description - L6668

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4990 STMICROELECTRONICS-L4990 Datasheet
322Kb / 24P
PRIMARY CONTROLLER
Jul-1999
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
Primary Side PWM Controller
logo
STMicroelectronics
TSM006 STMICROELECTRONICS-TSM006 Datasheet
179Kb / 13P
Primary PWM Controller
L6668 STMICROELECTRONICS-L6668 Datasheet
671Kb / 23P
SMART PRIMARY CONTROLLER
May-2005
logo
Texas Instruments
UCC1809-1 TI-UCC1809-1 Datasheet
162Kb / 11P
Economy Primary Side Controller
logo
STMicroelectronics
TSM007 STMICROELECTRONICS-TSM007 Datasheet
131Kb / 12P
Primary PWM Controller
Jun-2004
L5991 STMICROELECTRONICS-L5991 Datasheet
427Kb / 19P
PRIMARY CONTROLLER WITH STANDBY
Aug-1999
logo
Infineon Technologies A...
TLE8386EL INFINEON-TLE8386EL Datasheet
1Mb / 26P
Smart Boost Controller
Rev. 1.0, 2009-11-30
logo
Pericom Semiconductor C...
PT8A3514A PERICOM-PT8A3514A Datasheet
279Kb / 8P
Smart Iron Controller
logo
Texas Instruments
UCC1809-1 TI1-UCC1809-1_16 Datasheet
1Mb / 23P
Economy Primary Side Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com