Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6743 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6743
Description  High current MOSFET driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6743 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6743 Datasheet HTML 9Page - STMicroelectronics L6743 Datasheet HTML 10Page - STMicroelectronics L6743 Datasheet HTML 11Page - STMicroelectronics L6743 Datasheet HTML 12Page - STMicroelectronics L6743 Datasheet HTML 13Page - STMicroelectronics L6743 Datasheet HTML 14Page - STMicroelectronics L6743 Datasheet HTML 15Page - STMicroelectronics L6743 Datasheet HTML 16Page - STMicroelectronics L6743 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Package mechanical data
L6743, L6743Q
14/17
Figure 9.
Package dimensions
Table 6.
SO-8 mechanical data
Dim.
mm
mils
Min
Typ
Max
Min
Typ
Max
A
1.35
1.75
53.1
68.9
A1
0.10
0.25
3.9
9.8
A2
1.10
1.65
43.3
65.0
B
0.33
0.51
13.0
20.1
C
0.19
0.25
7.5
9.8
D
(1)
1.
Dimensions D does not include mold flash, protru-sions or gate burrs. Mold flash, potrusions or gate burrs
shall not exceed 0.15mm (.006inch) in total (both side).
4.80
5.00
189.0
196.9
E
3.80
4.00
149.6
157.5
e
1.27
50.0
H
5.80
6.20
228.3
244.1
h
0.25
0.50
9.8
19.7
L
0.40
1.27
15.7
50.0
k
0° (min.), 8° (max.)
ddd
0.10
3.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com