Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6743 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6743
Description  High current MOSFET driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6743 Datasheet(HTML) 4 Page - STMicroelectronics

  L6743 Datasheet HTML 1Page - STMicroelectronics L6743 Datasheet HTML 2Page - STMicroelectronics L6743 Datasheet HTML 3Page - STMicroelectronics L6743 Datasheet HTML 4Page - STMicroelectronics L6743 Datasheet HTML 5Page - STMicroelectronics L6743 Datasheet HTML 6Page - STMicroelectronics L6743 Datasheet HTML 7Page - STMicroelectronics L6743 Datasheet HTML 8Page - STMicroelectronics L6743 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Pin description and connection diagrams
L6743, L6743Q
4/17
2
Pin description and connection diagrams
Figure 3.
Pin connection (top view)
2.1
Pin description
1
2
3
4
LGATE
GND
PHASE
UGATE
VCC
EN
PWM
BOOT
5
6
7
8
L6743
1
2
3
4
GND
GND
PHASE
UGATE
VCC
EN
PWM
BOOT
7
8
9
10
L6743Q
56
LGATE
VCC
Table 2.
Pin description
Pin n
Name
Function
DFN10
SO-8
11
BOOT
High-side driver supply.
This pin supplies the high-side floating driver. Connect through a RBOOT - CBOOT
capacitor to the PHASE pin.
Internally connected to the cathode of the integrated bootstrap diode. See
Section 5.3 for guidance in designing the capacitor value.
22
PWM
Control input for the driver, 5 V compatible.
This pin controls the state of the driver and which external MOSFET have to be
turned-ON according to EN status. If left floating and in conjunction with EN
asserted, it causes the driver to enter the high-impedance (HiZ) state which causes
all MOSFETs to be OFF. See Section 5.1 for details about HiZ.
33
EN
Enable input for the driver. Internally pulled low by 15 k
Ω.
Pull high to enable the driver according to the PWM status. If pulled low will cause
the drive to enter HiZ state with all MOSFET OFF regardless of the PWM status.
See Section 5.1 for details about HiZ.
4, 5
4
VCC
Device and LS driver power supply. Connect to any voltage between 5 V and 12 V.
Bypass with low-ESR MLCC capacitor to GND.
65
LGATE
Low-side driver output.
Connect directly to the low-side MOSFET gate. A small series resistor can be useful
to reduce dissipated power especially in high frequency applications.
7, 8
6
GND
All internal references, logic and drivers are referenced to this pin. Connect to the
PCB ground plane.
9
7
PHASE
High-side driver return path. Connect to the high-side MOSFET source.
This pin is also monitored for the adaptive dead-time management and Pre-OV
Protection.
10
8
UGATE
High-side driver output.
Connect to high-side MOSFET gate.
PAD
-
TH. PAD
Thermal pad connects the Silicon substrate and makes good thermal contact with
the PCB. Connect to the PGND plane. (DFN10 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com