Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM109 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSM109
Description  Dual Comparator and Voltage Reference
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM109 Datasheet(HTML) 3 Page - STMicroelectronics

  TSM109 Datasheet HTML 1Page - STMicroelectronics TSM109 Datasheet HTML 2Page - STMicroelectronics TSM109 Datasheet HTML 3Page - STMicroelectronics TSM109 Datasheet HTML 4Page - STMicroelectronics TSM109 Datasheet HTML 5Page - STMicroelectronics TSM109 Datasheet HTML 6Page - STMicroelectronics TSM109 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Characteristics
TSM109/A
3/7
2
ELECTRICAL CHARACTERISTICS
COMPARATOR (independent comparator)
VCC+ = +5V, VCC
-= GND, T
amb = +25°C (unless otherwise specified)
Symbo
l
Parameter
TSM109
Unit
Min. Typ.
Max.
Vio
Input Offset Voltage - note 1
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
1)
At output switch point, Vo ≈ 1.4V, Rs = 0 with VCC
+ from 5V to 30V, and over the full common-mode range (0V to V
CC
+ -1.5V).
15
9
mV
Iio
Input Offset Current
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
325
100
nA
Iib
Input Bias Current (I+ or I-) - note 2
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
2)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output, so no loading charge exists on the reference of input lines.
25
250
400
nA
Avd
Large Signal Voltage Gain
VCC = 15V, RL = 15kΩ, Vo = 1V to 11V
50
200
V/mV
Vicm
Input Common Mode Voltage Range - note 3
VCC = 30V
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
3)
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end
of the common-mode voltage range is VCC
+ -1.5V.
0
0
VCC
+ -1.5
VCC
+ -2
V
Vid
Differential Input Voltage -note 4
4)
Positive voltage excursions of one input may exceed the power supply level. As long as the other input voltage remains within the
common-mode range, the comparator will provide an appropriate output state. The low input voltage state must not be less than -0.3V
(or 0.3V below the negative power supply, if used).
VCC
+
VOL
Low Level Output Voltage
Vid = -1V, Isink = 4mA
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
250
400
700
mV
IOH
High Level Output Current (Vid = 1V)
VCC = Vo = 30V
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
30
150
1
nA
µA
Isink
Output Sink Currrent
Vid= 1V, Vo = 1.5V
10
20
mA
tre
Response Time - note 5
RL= 5.1kΩ connected to VCC
+
5)
The response time specified is for a 100mV input step with 5mV overdrive. For larger overdrive signals, 300ns can be obtained
1.3
µs
trel
Large Signal Response Time
RL= 5.1kΩ connected to VCC
+, e
l = TTL,
V(ref) = +1.4v
300
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com