Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM109 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSM109
Description  Dual Comparator and Voltage Reference
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM109 Datasheet(HTML) 5 Page - STMicroelectronics

  TSM109 Datasheet HTML 1Page - STMicroelectronics TSM109 Datasheet HTML 2Page - STMicroelectronics TSM109 Datasheet HTML 3Page - STMicroelectronics TSM109 Datasheet HTML 4Page - STMicroelectronics TSM109 Datasheet HTML 5Page - STMicroelectronics TSM109 Datasheet HTML 6Page - STMicroelectronics TSM109 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Electrical Characteristics
TSM109/A
5/7
ELECTRICAL CHARACTERISTICS
VOLTAGE REFERENCE
Tamb = 25°C (unless otherwise specified)
Symbol
Conditions
Value
Unit
IK
Cathode Current
1 to 100
mA
Symbo
l
Parameter
TSM109A
TSM109
Unit
Min.
Typ.
Max. Min.
Typ. Max.
Vref
Reference Input Voltage, IK = 10 mA
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
2.490
2.48
2.500
2.510
2.52
2.475
2.45
2.500
2.525
2.55
V
∆V
ref
Reference Input Voltage Deviation OverTemperature
Range IK = 10 mA
Tmin ≤Tamb ≤ Tmax
730
7
30
mV
Temperature Coefficient of Reference Input Voltage
IK = 10 mA,
Tmin ≤Tamb ≤ Tmax
±13
±90
±13
±90
ppm/°C
Imin
Minimum Cathode Current for Regulation
0.5
1
0.5
1
mA
|ZVref|
Dynamic Impedance - note 1
∆V
ref, ∆IK = 1 to 100mA, f < 1KHz
0.3
0.65
0.3
0.65
1) The dynamic impedance is defined as [ZVref| = ∆VVref/∆IK
∆Vref
Vref
∆T
--------------------



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com