Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER17HN Datasheet(PDF) 7 Page - STMicroelectronics

Part # VIPER17HN
Description  Off-line high voltage converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER17HN Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VIPER17HN Datasheet HTML 3Page - STMicroelectronics VIPER17HN Datasheet HTML 4Page - STMicroelectronics VIPER17HN Datasheet HTML 5Page - STMicroelectronics VIPER17HN Datasheet HTML 6Page - STMicroelectronics VIPER17HN Datasheet HTML 7Page - STMicroelectronics VIPER17HN Datasheet HTML 8Page - STMicroelectronics VIPER17HN Datasheet HTML 9Page - STMicroelectronics VIPER17HN Datasheet HTML 10Page - STMicroelectronics VIPER17HN Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
VIPER17
Electrical data
7/33
4.3
Electrical characteristics
(TJ = -25 to 125 °C, VDD = 14 V; unless otherwise specified)
Table 6.
Power section
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VBVDSS
Break-down voltage
IDRAIN = 1 mA, VFB = GND
TJ = 25 °C
800
V
IOFF
OFF state drain current
VDRAIN = max rating,
VFB = GND
60
μA
RDS(on)
Drain-source on state
resistance
IDRAIN = 0.2 A, VFB = 3 V,
VBR = GND, TJ = 25 °C
20
24
Ω
IDRAIN=0.2A,VFB=3V,
VBR = GND, TJ = 125 °C
40
48
Ω
COSS
Effective (energy related)
output capacitance
VDRAIN = 0 to 640 V
10
pF
Table 7.
Supply section
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Voltage
VDRAIN_START Drain-source start voltage
60
80
100
V
IDDch
Start up charging current
VDRAIN = 120 V,
VBR = GND, VFB = GND,
VDD = 4 V
-2
-3
-4
mA
VDRAIN = 120 V,
VBR = GND, VFB = GND,
VDD = 4 V after fault.
-0.4
-0.6
-0.8
mA
VDD
Operating voltage range
After turn-on
8.5
23.5
V
VDDclamp
VDD clamp voltage
IDD = 20 mA
23.5
V
VDDon
VDD start up threshold
VDRAIN = 120 V,
VBR = GND, VFB = GND
13
14
15
V
VDDoff
VDD under voltage
shutdown threshold
7.588.5
V
VDD(RESTART)
VDD restart voltage
threshold
VDRAIN = 120 V,
VBR = GND, VFB = GND
44.5
5
V
Current
IDD0
Operating supply current,
not switching
VFB= GND, FSW = 0 kHz,
VBR = GND, VDD = 10 V
0.9
mA
IDD1
Operating supply current,
switching
VDRAIN = 120 V,
FSW = 60 kHz
1.8
mA
VDRAIN = 120 V,
FSW = 115 kHz
2mA
IDD_FAULT
Operating supply current,
with protection tripping
400
μA
IDD_OFF
Operating supply current
with VDD < VDD_off
VDD = 7 V
270
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com