Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER17HN Datasheet(PDF) 5 Page - STMicroelectronics

Part # VIPER17HN
Description  Off-line high voltage converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER17HN Datasheet(HTML) 5 Page - STMicroelectronics

  VIPER17HN Datasheet HTML 1Page - STMicroelectronics VIPER17HN Datasheet HTML 2Page - STMicroelectronics VIPER17HN Datasheet HTML 3Page - STMicroelectronics VIPER17HN Datasheet HTML 4Page - STMicroelectronics VIPER17HN Datasheet HTML 5Page - STMicroelectronics VIPER17HN Datasheet HTML 6Page - STMicroelectronics VIPER17HN Datasheet HTML 7Page - STMicroelectronics VIPER17HN Datasheet HTML 8Page - STMicroelectronics VIPER17HN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
VIPER17
Pin settings
5/33
3
Pin settings
3.1
Connection diagram
Figure 3.
Connection diagram (top view)
3.2
Pin description
GND
FB
CONT
VDD
DRAIN
DRAIN
BR
Table 3.
Pin description
Pin N.
Name
Function
DIP-7
SO16
1
1...4
GND
This pin represents the device ground and the source of the power section.
25
VDD
Supply voltage of the control section. This pin also provides the charging current
of the external capacitor during start-up time.
36
CONT
Control pin. The following functions can be selected:
1. current limit set point adjustment. The internal set default value of the cycle-
by-cycle current limit can be reduced by connecting to ground an external
resistor.
2. output voltage monitoring. A voltage exceeding 3 V shuts the IC down
reducing the device consumption. This function is strobed and digitally filtered for
high noise immunity.
47
FB
Control input for duty cycle control. Internal current generator provides bias
current for loop regulation. A voltage below 0.5 V activates the burst-mode
operation. A level close to 3.3 V means that we are approaching the cycle-by-
cycle over-current set point.
510
BR
Brownout protection input with hysteresis. A voltage below 0.45 V shuts down
(not latch) the device and lowers the power consumption. Device operation
restarts as the voltage exceeds 0.45 V plus hysteresis voltage. It can be
connected to ground when not used.
7,8
13...16
DRAIN
High voltage drain pin. The built-in high voltage switched start-up bias current is
drawn from this pin too.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com