Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2045CT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS2045CT
Description  POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2045CT Datasheet(HTML) 1 Page - STMicroelectronics

  STPS2045CT Datasheet HTML 1Page - STMicroelectronics STPS2045CT Datasheet HTML 2Page - STMicroelectronics STPS2045CT Datasheet HTML 3Page - STMicroelectronics STPS2045CT Datasheet HTML 4Page - STMicroelectronics STPS2045CT Datasheet HTML 5Page - STMicroelectronics STPS2045CT Datasheet HTML 6Page - STMicroelectronics STPS2045CT Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
STPS2045CT/CF/CG
®
June 1999 - Ed: 3B
POWER SCHOTTKY RECTIFIER
IF(AV)
2 x 10 A
VRRM
45 V
Tj (max)
175
°C
VF (max)
0.57 V
MAIN PRODUCT CHARACTERISTICS
VERY SMALL CONDUCTION LOSSES
NEGLIGIBLE SWITCHING LOSSES
EXTREMELY FAST SWITCHING
INSULATED PACKAGE: ISOWATT220AB
Insulating voltage = 2000V DC
Capacitance = 12pF
FEATURES AND BENEFITS
Dual center tap Schottky rectifier suited for Switch-
Mode Power Supply and high frequency DC to DC
converters.
Packaged either in TO-220AB, ISOWATT220AB
or D
2PAK, this device is especially intended for
use in low voltage, high frequency inverters, free
wheeling and polarity protection applications.
DESCRIPTION
D
2PAK
STPS2045CG
A2
A1
K
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(RMS)
RMS forward current
30
A
IF(AV)
Average forward current
δ = 0.5
TO-220AB
D
2PAK
Tc = 155
°C Per diode
10
A
ISOWATT220AB
Tc = 125
°C Per device
20
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
180
A
IRRM
Repetitive peak reverse current
tp = 2
µs square
F = 1kHz
1A
IRSM
Non repetitive peak reverse current
tp = 100 ms square
2A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature *
175
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values, per diode)
A1
A2
K
TO-220AB
STPS2045CT
A1
A2
K
ISOWATT220AB
STPS2045CF
A1
A2
K
*:
dPtot
dTj
<
1
Rth
(j−a)
thermal runaway condition for a diode on its own heatsink
1/7


Similar Part No. - STPS2045CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2045CT STMICROELECTRONICS-STPS2045CT Datasheet
107Kb / 8P
POWER SCHOTTKY RECTIFIER
01-Dec-2004
logo
Inchange Semiconductor ...
STPS2045CT ISC-STPS2045CT Datasheet
245Kb / 2P
Schottky Barrier Rectifier
logo
SUNMATE electronic Co.,...
STPS2045CT SUNMATE-STPS2045CT Datasheet
623Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
STMicroelectronics
STPS2045CT STMICROELECTRONICS-STPS2045CT Datasheet
536Kb / 15P
Power Schottky rectifier
14-Oct-2016
More results

Similar Description - STPS2045CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com