Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER17HDTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # VIPER17HDTR
Description  Off-line high voltage converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER17HDTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VIPER17HDTR Datasheet HTML 16Page - STMicroelectronics VIPER17HDTR Datasheet HTML 17Page - STMicroelectronics VIPER17HDTR Datasheet HTML 18Page - STMicroelectronics VIPER17HDTR Datasheet HTML 19Page - STMicroelectronics VIPER17HDTR Datasheet HTML 20Page - STMicroelectronics VIPER17HDTR Datasheet HTML 21Page - STMicroelectronics VIPER17HDTR Datasheet HTML 22Page - STMicroelectronics VIPER17HDTR Datasheet HTML 23Page - STMicroelectronics VIPER17HDTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Operation descriptions
VIPER17
20/33
Where:
●
VOVP is the OVP threshold (see Table 8 on page 9)
●
VOUT OVP is the converter output voltage value to activate the OVP (set by designer)
designer
●
NAUX is the auxiliary winding turns
●
NSEC is the secondary winding turns
●
VDSEC is the secondary diode forward voltage
●
VDAUX is the auxiliary diode forward voltage
●
ROVP together RLIM make the output voltage divider
Than, fixed RLIM, according to the desired IDLIM, the ROVP can be calculating by:
Equation 4
The resistor values will be such that the current sourced and sunk by the CONT pin be
within the rated capability of the internal clamp.
Figure 26. OVP timing diagram
R
OVP
R
LIM
1k
OVP
–
k
OVP
-----------------------
×
=
t
VDS
VAUX
3V
t
t
t
STROBE
t
COUNTER
RESET
t
COUNTER
STATUS
t
0
CONT
(pin 4)
2 µs
0.5 µs
OVP
FAULT
0
0
0
0 →1
1 →2
2 →0
0 →1
1 →2
2 →3
3 →4
0
E
R
U
L
I
A
F
P
O
O
L
K
C
A
B
D
E
E
F
E
C
N
A
B
R
U
T
S
I
D
Y
R
A
R
O
P
M
E
T
N
O
I
T
A
R
E
P
O
L
A
M
R
O
N
t
VDS
3V
t
t
t
STROBE
t
COUNTER
RESET
t
COUNTER
STATUS
t
0
(pin 4)
2 µs
0.5 µs
OVP
FAULT
0
0
0
0 →1
1 →2
2 →0
0 →1
1 →2
2 →3
3 →4
0
E
R
U
L
I
A
F
P
O
O
L
K
C
A
B
D
E
E
F
E
C
N
A
B
R
U
T
S
I
D
Y
R
A
R
O
P
M
E
T
N
O
I
T
A
R
E
P
O
L
A
M
R
O
N
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com