Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER17HDTR Datasheet(PDF) 30 Page - STMicroelectronics

Part # VIPER17HDTR
Description  Off-line high voltage converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER17HDTR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button VIPER17HDTR Datasheet HTML 25Page - STMicroelectronics VIPER17HDTR Datasheet HTML 26Page - STMicroelectronics VIPER17HDTR Datasheet HTML 27Page - STMicroelectronics VIPER17HDTR Datasheet HTML 28Page - STMicroelectronics VIPER17HDTR Datasheet HTML 29Page - STMicroelectronics VIPER17HDTR Datasheet HTML 30Page - STMicroelectronics VIPER17HDTR Datasheet HTML 31Page - STMicroelectronics VIPER17HDTR Datasheet HTML 32Page - STMicroelectronics VIPER17HDTR Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Package mechanical data
VIPER17
30/33
Table 11.
SO16 narrow mechanical data
Dimensions
Ref.
Databook (mm.)
Nom
Min
Max
A
1.63
1.55
1.73
A1
0.15
0.12
0.25
A2
1.47
1.40
1.55
b
0.41
0.31
0.49
c
0.20
0.19
0.25
D
9.93
9.80
9.98
E
5.99
5.84
6.20
E1
3.94
3.81
3.99
e
1.27
L
0.64
0.41
0.89
<
5°
0°
8°
h
0.33
0.25
0.41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com