Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER17LDTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # VIPER17LDTR
Description  Off-line high voltage converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER17LDTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VIPER17LDTR Datasheet HTML 5Page - STMicroelectronics VIPER17LDTR Datasheet HTML 6Page - STMicroelectronics VIPER17LDTR Datasheet HTML 7Page - STMicroelectronics VIPER17LDTR Datasheet HTML 8Page - STMicroelectronics VIPER17LDTR Datasheet HTML 9Page - STMicroelectronics VIPER17LDTR Datasheet HTML 10Page - STMicroelectronics VIPER17LDTR Datasheet HTML 11Page - STMicroelectronics VIPER17LDTR Datasheet HTML 12Page - STMicroelectronics VIPER17LDTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
VIPER17
Electrical data
9/33
Table 8.
Controller section (continued)
(TJ = -25 to 125 °C, VDD = 14 V; unless otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Over current protection (2nd OCP)
IDMAX
Second over current
threshold
0.6
A
Over voltage protection
VOVP
Over voltage protection
threshold
2.733.3
V
TSTROBE
Over voltage protection
strobe time
2.2
μs
Brown out protection
VBRth
Brown out threshold
Voltage falling
0.41
0.45
0.49
V
VBRhyst
Voltage hysteresis above
VBRth
50
mV
IBRhyst
Current hysteresis
7
10
μA
VBR
Operating range
0.15
2
V
VDIS
Brown out disable voltage
50
150
mV
Thermal shutdown
TSD
Thermal shutdown
temperature
150
170
°C
THYST
Thermal shutdown
hysteresis
30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com