Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER17LDTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # VIPER17LDTR
Description  Off-line high voltage converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER17LDTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VIPER17LDTR Datasheet HTML 20Page - STMicroelectronics VIPER17LDTR Datasheet HTML 21Page - STMicroelectronics VIPER17LDTR Datasheet HTML 22Page - STMicroelectronics VIPER17LDTR Datasheet HTML 23Page - STMicroelectronics VIPER17LDTR Datasheet HTML 24Page - STMicroelectronics VIPER17LDTR Datasheet HTML 25Page - STMicroelectronics VIPER17LDTR Datasheet HTML 26Page - STMicroelectronics VIPER17LDTR Datasheet HTML 27Page - STMicroelectronics VIPER17LDTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Operation descriptions
VIPER17
24/33
7.11
Burst-mode operation at no load or very light load
When the voltage on feedback pin falls down 50 mV below the burst mode threshold, VFBbm,
power MOSFET is not more allowed to be switched on. It can be switched on again if the
voltage on feedback pin exceeds VFBbm. The voltage on PWM comparator non inverting
internal input, connected to feedback pin through a resistive voltage divider, is lower
clamped to a certain value leading to a minimum value, of 90 mA (typ.) for the drain peak
current.
When the load decrease the feedback loop reacts lowering the feedback pin voltage. As the
voltage goes 50 mV below VFBbm MOSFET stops switching. After the MOSFET stops, as a
result of the feedback reaction to the energy delivery stop, the feedback pin voltage
increases and exceeding VFBbm threshold MOSFET the power device start switching again.
Figure 30
shows this behavior called burst mode. Systems alternates period of time where
power MOSFET is switching to period of time where power MOSFET is not switching. The
power delivered to output during switching periods exceeds the load power demands; the
excess of power is balanced from not switching period where no power is processed. The
advantage of burst mode operation is an average switching frequency much lower then the
normal operation working frequency, up to some hundred of hertz, minimizing all frequency
related losses.
Figure 30. Burst mode timing diagram, light load management
I DS
VFBbm
FB
t
t
50 mV
hyster.
Burst-mode
Normal-mode
Normal-mode
t
t
50 mV
hyster.
Burst-mode
Burst-mode
Normal-mode
Normal-mode
Normal-mode
Normal-mode
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com