Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB137 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PB137
Description  POSITIVE VOLTAGE REGULATOR FOR BATTERY CHARGER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PB137 Datasheet(HTML) 1 Page - STMicroelectronics

  PB137 Datasheet HTML 1Page - STMicroelectronics PB137 Datasheet HTML 2Page - STMicroelectronics PB137 Datasheet HTML 3Page - STMicroelectronics PB137 Datasheet HTML 4Page - STMicroelectronics PB137 Datasheet HTML 5Page - STMicroelectronics PB137 Datasheet HTML 6Page - STMicroelectronics PB137 Datasheet HTML 7Page - STMicroelectronics PB137 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
June 2003
s
REVERSE LEAKAGE CURRENT LESS
THAN 10 µA
s
THREE TERMINAL FIXED VERSION (13.7V)
OUTPUT CURRENT IN EXCESS OF 1.5A
s
AVAILABLE IN ± 1% (AC) SELECTION AT
25°C
s
TYPICAL DROPOUT VOLTAGE 2V
s
TEMPERATURE RANGE 0°C TO 150°C
DESCRIPTION
The PB137 is a positive voltage regulator able to
provide 1.5A, at VO = 13.7V and is intended as a
charger for lead acid battery. The main feature is a
reverse leakage current (Max 10µA at TJ =0to
40°C VI = floating and VO = 13.7V). It is available
in TO-220 and it employs internal current limiting,
thermal shut-down and safe area protection,
making it essentially indestructible. If adequate
heat-sinking is provided, they can deliver over 1A
output current.
PB137
POSITIVE VOLTAGE REGULATOR
FOR BATTERY CHARGER
SCHEMATIC DIAGRAM
TO-220


Similar Part No. - PB137

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PB137 STMICROELECTRONICS-PB137 Datasheet
80Kb / 8P
POSITIVE VOLTAGE REGUALTOR FOR BATTERY CHARGER
Dec-1998
PB137ACV STMICROELECTRONICS-PB137ACV Datasheet
658Kb / 14P
Positive voltage regulator for battery charger
18-Nov-2010
PB137 STMICROELECTRONICS-PB137_05 Datasheet
658Kb / 14P
Positive voltage regulator for battery charger
18-Nov-2010
More results

Similar Description - PB137

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PB137 STMICROELECTRONICS-PB137 Datasheet
80Kb / 8P
POSITIVE VOLTAGE REGUALTOR FOR BATTERY CHARGER
Dec-1998
logo
Advanced Analogic Techn...
AAT2557 ANALOGICTECH-AAT2557 Datasheet
556Kb / 22P
500mA Battery Charger and 300mA LDO Regulator for Portable Systems
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
Positive-Voltage Regulator
ET-78LXX ESTEK-ET-78LXX Datasheet
594Kb / 12P
Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
Positive-Voltage Regulator
logo
STMicroelectronics
PB137 STMICROELECTRONICS-PB137_05 Datasheet
658Kb / 14P
Positive voltage regulator for battery charger
18-Nov-2010
logo
Texas Instruments
LP3921 TI1-LP3921 Datasheet
1,013Kb / 41P
Battery Charger Management and Regulator Unit
logo
ON Semiconductor
NCP1871 ONSEMI-NCP1871 Datasheet
386Kb / 27P
Narrow Voltage DC Battery Charger
June, 2016 ??Rev. 0
logo
Toshiba Semiconductor
TC7710AWBG TOSHIBA-TC7710AWBG Datasheet
1Mb / 56P
IC for Battery Charger
2014-10-01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com