Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB137 Datasheet(PDF) 3 Page - STMicroelectronics

Part # PB137
Description  POSITIVE VOLTAGE REGULATOR FOR BATTERY CHARGER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PB137 Datasheet(HTML) 3 Page - STMicroelectronics

  PB137 Datasheet HTML 1Page - STMicroelectronics PB137 Datasheet HTML 2Page - STMicroelectronics PB137 Datasheet HTML 3Page - STMicroelectronics PB137 Datasheet HTML 4Page - STMicroelectronics PB137 Datasheet HTML 5Page - STMicroelectronics PB137 Datasheet HTML 6Page - STMicroelectronics PB137 Datasheet HTML 7Page - STMicroelectronics PB137 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PB137
3/8
ELECTRICAL CHARACTERISTICS OF PB137 (refer to the test circuits, VI = 18V, IO =500mA,
TJ = 0 to 150°C, CO =10µF unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
13.56
13.7
13.84
V
13.43
13.7
13.97
∆V
O
Line Regulation
VI = 16 to 28.7 V,
TJ = 25°C
60
150
mV
∆V
O
Load Regulation
IO = 5 to 1500 mA,
TJ = 25°C
65
100
mV
Id
Quiescent Current
TJ = 25°C
4
8
mA
∆I
d
Delta Quiescent Current vs
Line
VI = 16 to 28.7 V
4
mA
∆I
d
Delta Quiescent Current vs
Load
IO = 5 to 1000 mA
1.2
mA
Vd
Dropout Voltage
IO =1 A
TJ = 25°C
2.1
2.6
V
Isc
Short Circuit Current
VI -VO =5V
TJ = 25°C
2.2
A
eN
Output Noise Voltage
B =10Hz to 10KHz,
TJ = 25°C
300
µVrms
SVR
Supply Voltage Rejection
f = 120 Hz,
TJ = 25°C
58
dB
IREV
Reverse Leakage Current
VO =13.7V, VI = floating TJ = 0 to 40°C
0.1
10
µA
S
Long Term Stability
TJ = 125°C
1000Hrs
0.5
%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com