Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCY59 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BCY59
Description  SMALL SIGNAL NPN TRANSISTORxbitm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BCY59 Datasheet(HTML) 2 Page - STMicroelectronics

  BCY59 Datasheet HTML 1Page - STMicroelectronics BCY59 Datasheet HTML 2Page - STMicroelectronics BCY59 Datasheet HTML 3Page - STMicroelectronics BCY59 Datasheet HTML 4Page - STMicroelectronics BCY59 Datasheet HTML 5Page - STMicroelectronics BCY59 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-Case
Max
Thermal Resistance Junction-Ambient
Max
150
384.6
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off
Current (VBE = 0)
VCE = 45 V
VCE = 45 V
TC = 150
oC
0.1
0.1
10
10
nA
µA
ICEX
Collector Cut-off
Current (VBE = -0.2 V)
VCE = 45 V
TC = 100
oC20
µA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
10
nA
V(BR)CEO
∗ Collector-Emitter
Breakdown Voltage
(IB = 0)
IC = 2 mA
45
V
V(BR)EBO
Emitter-Base
Breakdown Voltage
(IC = 0)
IE = 10
µA
7V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 10 mA
IB = 0.25 mA
IC = 100 mA
IB = 2.5 mA
0.12
0.4
0.35
0.7
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 10 mA
IB = 0.25 mA
IC = 100 mA
IB = 2.5 mA
0.6
0.75
0.7
0.9
0.85
1.2
V
V
VBE(on)
∗ Base-Emitter (on)
Voltage
IC = 2 mA
VCE = 5 V
IC = 100 mA
VCE = 1 V
0.55
0.65
0.75
0.7
V
V
hFE
∗
DC Current Gain
IC = 10
µA
VCE = 5 V
Gr. VIII
Gr. IX
Gr. X
IC = 2 mA
VCE = 5 V
Gr. VIII
Gr. IX
Gr. X
IC = 10 mA
VCE = 1 V
Gr. VIII
Gr. IX
Gr. X
IC = 100 mA
VCE = 1 V
Gr. VIII
Gr. IX
Gr. X
20
40
100
180
250
380
120
160
240
45
60
60
140
195
280
250
350
500
260
365
520
310
460
630
hfe
∗
Small Signal Current
Gain
IC = 2 mA
VCE = 5 V f = 1 KHz
Gr. VIII
Gr. IX
Gr. X
175
250
350
350
500
700
fT
Transition Frequency
IC = 10 mA
VCE = 5 V f = 100 MHz
200
MHz
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 1 %
BCY59
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com