Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCY59 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BCY59
Description  SMALL SIGNAL NPN TRANSISTORxbitm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BCY59 Datasheet(HTML) 3 Page - STMicroelectronics

  BCY59 Datasheet HTML 1Page - STMicroelectronics BCY59 Datasheet HTML 2Page - STMicroelectronics BCY59 Datasheet HTML 3Page - STMicroelectronics BCY59 Datasheet HTML 4Page - STMicroelectronics BCY59 Datasheet HTML 5Page - STMicroelectronics BCY59 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
CCBO
Collector-Base
Capacitance
IE = 0
VCB = 10 V
f = 1MHz
3.5
6
pF
CEBO
Emitter-Base
Capacitance
IC = 0
VEB = 0.5 V
f = 1MHz
11
15
pF
NF
Noise Figure
IC = 0.2 mA
VCE = 5 V
f = 1KHz
Rg = 2K
Ω
∆f = 200Hz
26
dB
ton
Turn-on Time
IC = 10 mA
VCC = 10 V
IB1 = 1 mA
IC = 100 mA
VCC = 10 V
IB1 = 10 mA
85
55
150
150
ns
ns
toff
Turn-off Time
IC = 10 mA
VCC = 10 V
IB1 = - IB2 = 1 mA
IC = 100 mA
VCC = 10 V
IB1 = - IB2 = 10 mA
480
480
800
800
ns
ns
DC Current Gain
Collector-Emitter Saturation Voltage
BCY59
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com