Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20L45CT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS20L45CT
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L45CT Datasheet(HTML) 1 Page - STMicroelectronics

  STPS20L45CT Datasheet HTML 1Page - STMicroelectronics STPS20L45CT Datasheet HTML 2Page - STMicroelectronics STPS20L45CT Datasheet HTML 3Page - STMicroelectronics STPS20L45CT Datasheet HTML 4Page - STMicroelectronics STPS20L45CT Datasheet HTML 5Page - STMicroelectronics STPS20L45CT Datasheet HTML 6Page - STMicroelectronics STPS20L45CT Datasheet HTML 7Page - STMicroelectronics STPS20L45CT Datasheet HTML 8Page - STMicroelectronics STPS20L45CT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
STPS20L45CF/CW/CT/CFP/CG
July 2003 - Ed: 3C
LOW DROP POWER SCHOTTKY RECTIFIER
®
Dual center tap Schottky rectifiers designed for
high frequency switched mode power supplies and
DC to DC converters.
These devices are intended for use in low voltage,
high
frequency
inverters,
free-wheeling
and
polarity protection applications.
DESCRIPTION
s
LOW FORWARD VOLTAGE DROP MEANING
VERY SMALL CONDUCTION LOSSES
s
LOW SWITCHING LOSSES ALLOWING HIGH
FREQUENCY OPERATION
s
INSULATED
PACKAGE:
ISOWATT220AB,
TO-220FPAB
Insulating voltage = 2000V DC
Capacitance = 12pF
s
AVALANCHE CAPABILITY SPECIFIED
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(RMS)
RMS forward current
30
A
IF(AV)
Average forward
current
TO-220AB / D
2PAK
TO-247
Tc = 135°C
δ = 0.5
Per diode
Per device
10
20
A
ISOWATT220AB
TO-220FPAB
Tc = 115°C
δ = 0.5
Per diode
Per device
10
20
A
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
180
A
IRRM
Peak repetitive reverse current
tp=2 µs square F=1kHz
1A
IRSM
Non repetitive peak reverse current
tp = 100 µs square
2A
PARM
Repetitive peak avalanche power
tp = 1µs
Tj = 25°C
4000
W
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature *
150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
ABSOLUTE RATINGS (limiting values, per diode)
IF(AV)
2x10A
VRRM
45 V
Tj (max)
150°C
VF (max)
0.5 V
MAJOR PRODUCTS CHARACTERISTICS
A1
K
A2
A1
K
A2
ISOWATT220AB
STPS20L45CF
TO-247
STPS20L45CW
K
A1
A2
TO-220AB
STPS20L45CT
*:
dPtot
dTj
Rth j
a
<
−
1
()
thermal runaway condition for a diode on its own heatsink
A1
K
A2
A1
A2
K
TO-220FPAB
STPS20L45CFP
K
A1
A2
D
2PAK
STPS20L45CG


Similar Part No. - STPS20L45CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20L45CT STMICROELECTRONICS-STPS20L45CT Datasheet
158Kb / 9P
Low drop power Schottky rectifier
22-Mar-2007
logo
SUNMATE electronic Co.,...
STPS20L45CT SUNMATE-STPS20L45CT Datasheet
2Mb / 2P
LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
STMicroelectronics
STPS20L45CT STMICROELECTRONICS-STPS20L45CT Datasheet
522Kb / 15P
Low drop power Schottky rectifier
06-Oct-2016
More results

Similar Description - STPS20L45CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com