Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20L45CT Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS20L45CT
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L45CT Datasheet(HTML) 2 Page - STMicroelectronics

  STPS20L45CT Datasheet HTML 1Page - STMicroelectronics STPS20L45CT Datasheet HTML 2Page - STMicroelectronics STPS20L45CT Datasheet HTML 3Page - STMicroelectronics STPS20L45CT Datasheet HTML 4Page - STMicroelectronics STPS20L45CT Datasheet HTML 5Page - STMicroelectronics STPS20L45CT Datasheet HTML 6Page - STMicroelectronics STPS20L45CT Datasheet HTML 7Page - STMicroelectronics STPS20L45CT Datasheet HTML 8Page - STMicroelectronics STPS20L45CT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STPS20L45CF/CW/CT/CFP/CG
2/9
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage
current
Tj = 25°C
VR =VRRM
0.2
mA
Tj = 125°C
65
130
mA
VF *
Forward voltage drop
Tj = 25
°CIF =10 A
0.55
V
Tj = 125°C
IF =10 A
0.44
0.5
Tj=25
°CIF =20 A
0.73
Tj = 125°C
IF =20 A
0.62
0.72
Pulse test : * tp = 380 µs,
δ <2%
To evaluate the conduction losses use the following equation :
P=0.28xIF(AV) + 0.022 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS (per diode)
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
ISOWATT220AB
TO-220FPAB
Per diode
Total
Coupling
4.5
3.5
2.5
°C/W
Rth(j-c)
Junction to case
TO-247
Per diode
Total
Coupling
2.2
1.20
0.3
°C/W
Rth(j-c)
Junction to case
TO-220AB
D
2PAK
Per diode
Total
Coupling
2.2
1.3
0.3
°C/W
THERMAL RESISTANCES
02468
10
12
14
0
1
2
3
4
5
6
7
8
IF(av) (A)
PF(av)(W)
δ = 0.2
δ = 0.5
δ = 1
δ = 0.05
δ = 0.1
T
δ=tp/T
tp
Fig. 1: Average forward power dissipation versus
average forward current (per diode).
0
25
50
75
100
125
150
0
1
2
3
4
5
6
7
8
9
10
11
12
IF(av)(A)
Rth(j-a)=15°C/W
Rth(j-a)=Rth(j-c)
TO-220AB/TO-247
ISOWATT220AB
T
δ=tp/T
tp
Tamb(°C)
Fig. 2: Average forward current versus ambient
temperature(
δ = 0.5, per diode).
When the diodes 1 and 2 are used simultaneously :
∆ Tj(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com