Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34726 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 34726
Description  300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34726 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 34726 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
34726
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
OVER-TEMPERATURE PROTECTION
To limit its operating temperature, the 34726 shuts down if
the junction temperature of the switching MOSFET
surpasses 140°C. If the junction temperature subsequently
drops to 130°C, the 34726 re-starts.
SOFT-START OPERATION
To limit the in-rush current, an internal timer controls the
output voltage ramp after the part is enabled. The start-up
time is internally set to approximately 2.0ms and is
independent of input voltage, output voltage, or load current.
The soft-start sequence also occurs upon recovery from any
fault condition.
UNDER-VOLTAGE LOCK-OUT
The UVLO threshold is set to 2.7V for rising VIN, and to
2.5V for falling VIN. For a VOUT of 3.3V, the VOUT value will
track VIN below 3.6V until the 2.5V falling VIN threshold is
reached.
If the UVLO falling threshold is met, the part shuts down
and will power up again with soft-start, when the UVLO rising
threshold is surpassed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com