Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34726 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 34726
Description  300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34726 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  34726 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34726 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Document Number: 34726
Rev. 1.0, 5/2008
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2008. All rights reserved.
300mA High Efficiency Low
Quiescent Current Synchronous
Buck Regulator With Z-mode
The 34726 is a high efficiency, low quiescent current (IQ), synchro-
nous buck regulator, implementing Freescale’s innovative Z-mode ar-
chitecture. Freescale’s Z-mode architecture greatly improves the ripple
performance during light load currents, but still maintains a low quies-
cent current of 65uA, at no load in “Sleepy” Z-mode.
The 34726 accepts an input voltage in the range of 2.7 to 5.5V,
making it ideally suited for single cell Li-Ion based applications. Factory
preset output voltages, ranging from 0.8V to 3.3V, reduce the number
of required auxiliary components. The part is able to provide 300mA of
continuous load current across the input and the output voltage ranges.
The 34726 switches at 2.0MHz to allow the use of small, surface
mount inductors and capacitors to save precious board space.
The 34726 is available in the small, space saving, and low cost, 2x2
UDFN-8 packages. The part is guaranteed for operation over the -25°C
to 85°C temperature range.
Features
• 94% peak efficiency
• 2.0MHz switching frequency
• 2.7V to 5.5V input voltage range
• Automatic transition to energy saving light load Z-mode (low ripple)
• Fixed output voltage options from 0.8 to 3.3V
•65
µA quiescent current during sleepy Z-mode
• 300mA maximum continuous output current
• Internal 2.0ms soft start
• Thermal and over-current protection
•0.1
µA quiescent current in shutdown (disabled)
• Ultra thin 2x2 UDFN package
• Pb-free packaging designated by suffix code FC
Figure 1. 34726 Typical Operating Circuit
POWER MANAGEMENT IC
FC SUFFIX (PB-FREE)
98ASA10787D
8-PIN UDFN
2X2
34726
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC34726AFC/R2
-25°C to 85°C
8-UDFN
MC34726BFC/R2
MC34726CFC/R2
Bottom View
VIN
EN
SW
FB
GND
ON
OFF
2.7V ~ 5.5V
0.8 - 3.3V *
300mA
34726
CIN
COUT
L1
*Programmable
See table 1


Similar Part No. - 34726

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
3472 KEYSTONE-3472 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Festo Corporation.
34720 FESTO-34720 Datasheet
80Kb / 2P
ISO cylinder
3472425 FESTO-3472425 Datasheet
95Kb / 2P
Control block
logo
Freescale Semiconductor...
34727 FREESCALE-34727 Datasheet
1Mb / 19P
600mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Festo Corporation.
3472765 FESTO-3472765 Datasheet
96Kb / 2P
Control block
More results

Similar Description - 34726

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34727 FREESCALE-34727 Datasheet
1Mb / 19P
600mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Intersil Corporation
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL78214 INTERSIL-ISL78214 Datasheet
1Mb / 15P
4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Freescale Semiconductor...
MC34726 FREESCALE-MC34726 Datasheet
1Mb / 19P
300 mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Intersil Corporation
ISL8016 INTERSIL-ISL8016 Datasheet
1Mb / 22P
6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
March 31, 2011
ISL8016_1105 INTERSIL-ISL8016_1105 Datasheet
1Mb / 22P
6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 5, 2011
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL8018 RENESAS-ISL8018 Datasheet
1Mb / 21P
8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com